Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC4558 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC4558
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558 Datasheet(HTML) 1 Page - STMicroelectronics

  MC4558 Datasheet HTML 1Page - STMicroelectronics MC4558 Datasheet HTML 2Page - STMicroelectronics MC4558 Datasheet HTML 3Page - STMicroelectronics MC4558 Datasheet HTML 4Page - STMicroelectronics MC4558 Datasheet HTML 5Page - STMicroelectronics MC4558 Datasheet HTML 6Page - STMicroelectronics MC4558 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 1998
®
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
.
INTERNALLY COMPENSATED
.
SHORT–CIRCUIT PROTECTION
.
GAIN
AND
PHASE
MATCH
BETWEEN
AMPLIFIERS
.
LOW POWER CONSUMPTION
.
PIN TO PIN COMPATIBLE WITH
MC1458/LM358
.
GAIN BANDWIDTH PRODUCT (at 100kHz)
5.5MHz
ORDER CODES
Part
Number
Temperature
Range
Pakcage
NDP
MC4558C
0
oC, +70oC
••
MC4558I
-40
oC, +105oC
••
Example : MC4558CN
1
2
3
45
6
7
8
-
+
-
+
1 – Output 1
2 – Inverting input 1
3 – Non-inverting input 1
4–VCC
-
5 – Non-inverting input 2
6 – Inverting input 2
7 – Output 2
8– VCC
+
PIN CONNECTIONS (top view)
DESCRIPTION
The MC4558 is a high performance monolithic dual
operational amplifier.
The circuit combines all the outstanding features of
the MC1458 and, in addition, possesses three times
the unity gain bandwidth of the industry standard.
MC4558
WIDE BANDWIDTH
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
P
TSSOP8
(Thin Shrink Small Outline Package)
1/7


Similar Part No. - MC4558

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC4558 FAIRCHILD-MC4558 Datasheet
109Kb / 10P
   Dual Operational Amplifier
logo
Unisonic Technologies
MC4558 UTC-MC4558 Datasheet
113Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4558 UTC-MC4558 Datasheet
189Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4558-D08-T UTC-MC4558-D08-T Datasheet
113Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
MC4558-G09-T UTC-MC4558-G09-T Datasheet
113Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC4558

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
   Wide bandwidth dual bipolar operational amplifier
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com