Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDNS-2200001 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDNS-2200001
Description  Solid-State Optical Mouse Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDNS-2200001 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDNS-2200001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDNS-2200001 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
6
Figure 8. Application using SDIO pins.
Notes on Bypass Capacitors:
• Caps for pins 7, 8 and 12, 13
MUST have trace lengths LESS
than 5 mm.
• The 0.1
µF caps must be
ceramic.
• Caps should have less than
5 nH of self inductance
• Caps should have less than
0.2
Ω ESR
Surface mount parts are
recommended.
Regulatory Requirements
• Passes FCC B and worldwide
analogous emission limits
when assembled into a mouse
with unshielded cable and fol-
lowing Agilent recommenda-
tions.
• Passes EN61000-4-4/IEC801-4
EFT tests when assembled into
a mouse with unshielded cable
and following Agilent recom-
mendations.
• UL flammability level UL94 V-0.
• Provides sufficient ESD creep-
age/clearance distance to avoid
discharge up to 15 kV when
assembled into a mouse ac-
cording to usage instructions
above.
• For eye safety consideration,
please refer to the technical
report available on the web site,
http://www.agilent.com
• The 15.0 k
Ω resistor is deter-
mined by the absolute maxi-
mum rating of 50 mA for the
HLMP-ED80-XXXXX. The
other resistor values for
brighter bins will guarantee
good signals with reduced
power.
Recommended Typical Application using SDIO Pins
GND
GND
12
10
15
16
1
D+
18 MHz
0.1 µF
REFB
XY_LED
6
R1
SURFACE
VDD
VDD
INTERNAL
IMAGE
SENSOR
ADNS
2051
OSC_IN
OSC_OUT
9
11
CERAMIC RESONATOR
AVX
KBR-18-00-MSA
MURATA
CSALS18M0X55-B0
VREG
8
P1.0
5
P1.1
14
XTALIN
18
P0.4
P0.6
16
CYPRESS
CY7C63723A-PC
P0.7
15
6
BUTTONS
P0.1
P0.5
17
2
4.7 µF
11
VDD
7
VPP
GND
SHLD
0.1 µF
REFA
HLMP-ED80-XXXXX
PD
P0.3
4
SCLK
P0.2
3
VSS
13
R_BIN
7
8
14
1
P0.0
L
M
R
XTALOUT
2.2 µF
0.1 µF
R1 VALUE
(k
Ω)
15.0
15.0
15.0
15.0
15.0
15.0 ~ 18.0
15.0 ~ 22.0
15.0 ~ 27.0
15.0 ~ 33.0
15.0 ~ 37.0
LED
BIN
K
L
M
N
P
Q
R
S
T
U
2
XA
3
XB
4
YB
5
YA
SDIO
D-
R
VDD
VDD
QB
GND
QA
D-
12
13
D+
Z LED
1.3 k
HDNS-2100
LENS
Z-WHEEL
ENCODER


Similar Part No. - HDNS-2200001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2200001 HP-HDNS-2200001 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDNS-2200001 AVAGO-HDNS-2200001 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Similar Description - HDNS-2200001

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNK-2620 HP-ADNK-2620 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5000 AVAGO-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
logo
ELM Electronics
ELM701 ELM-ELM701 Datasheet
21Kb / 3P
   Solid State Mouse
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com