Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063A Datasheet(PDF) 8 Page - STMicroelectronics

Part # MC34063A
Description  DC-DC CONVERTER CONTROL CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MC34063A Datasheet HTML 4Page - STMicroelectronics MC34063A Datasheet HTML 5Page - STMicroelectronics MC34063A Datasheet HTML 6Page - STMicroelectronics MC34063A Datasheet HTML 7Page - STMicroelectronics MC34063A Datasheet HTML 8Page - STMicroelectronics MC34063A Datasheet HTML 9Page - STMicroelectronics MC34063A Datasheet HTML 10Page - STMicroelectronics MC34063A Datasheet HTML 11Page - STMicroelectronics MC34063A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Voltage Inverting Converter
Printed Demoboard
Test Condition (VOUT = -12V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN = 4.5 to 6V,
IO =100 mA
15
mV
Load Regulation
VIN = 5V,
IO =10 to 100 mA
20
mV
Output Ripple
VIN = 5V,
IO = 100 mA
230
mV
Efficency
VIN = 5V,
IO = 100 mA
58
%
ISC
VIN = 5V,
RlLOAD = 0.1
0.9
A
Symbol
Pin
Vout
1
GND
2
GND
3
Vin
4
MC34063A
8/15


Similar Part No. - MC34063A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Fairchild Semiconductor
MC34063A FAIRCHILD-MC34063A Datasheet
46Kb / 8P
   SMPS Controller
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
   DC/DC converter control circuits
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
   DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063 STMICROELECTRONICS-MC34063 Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
   DC-DC CONVERTER CONTROL CIRCUITS
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
   DC-DC Converter Control Circuits
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com