Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APK3216VGC-A-F01 Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APK3216VGC-A-F01
Description  3.2x1.6 mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APK3216VGC-A-F01 Datasheet(HTML) 5 Page - Kingbright Corporation

  APK3216VGC-A-F01 Datasheet HTML 1Page - Kingbright Corporation APK3216VGC-A-F01 Datasheet HTML 2Page - Kingbright Corporation APK3216VGC-A-F01 Datasheet HTML 3Page - Kingbright Corporation APK3216VGC-A-F01 Datasheet HTML 4Page - Kingbright Corporation APK3216VGC-A-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAG5715
REV NO: V.2
DATE: MAY/08/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1204000824
PACKING & LABEL SPECIFICATIONS
APK3216VGC/A-F01


Similar Part No. - APK3216VGC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APK3216VGC KINGBRIGHT-APK3216VGC Datasheet
98Kb / 4P
   3.2 X 1.6 MM SMD CHIP LED LAMP
APK3216VGC/A-F01 KINGBRIGHT-APK3216VGC/A-F01 Datasheet
280Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216VGC KINGBRIGHT-APK3216VGC_1 Datasheet
280Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
More results

Similar Description - APK3216VGC-A-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APK3216SURCK-F01 KINGBRIGHT-APK3216SURCK-F01 Datasheet
269Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SYC KINGBRIGHT-APK3216SYC_08 Datasheet
191Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216PBC-A-F01 KINGBRIGHT-APK3216PBC-A-F01 Datasheet
278Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SYCK-F01 KINGBRIGHT-APK3216SYCK-F01 Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGC KINGBRIGHT-APK3216MGC Datasheet
103Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216RWC-A-F01 KINGBRIGHT-APK3216RWC-A-F01 Datasheet
300Kb / 7P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216SURCK KINGBRIGHT-APK3216SURCK Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216VGC KINGBRIGHT-APK3216VGC_1 Datasheet
280Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216CGCK-F01 KINGBRIGHT-APK3216CGCK-F01 Datasheet
273Kb / 5P
   3.2x1.6 mm SMD CHIP LED LAMP
APK3216MGCK KINGBRIGHT-APK3216MGCK Datasheet
102Kb / 4P
   3.2x1.6 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com