Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADNK-2052 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ADNK-2052
Description  Solid-State Optical Mouse Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNK-2052 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADNK-2052 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNK-2052 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
2
Pinout
Pin
Pin
Description
1
SCLK
Serial port clock (input)
2
XA
XA quadrature output
3
XB
XB quadrature output
4
YB
YB quadrature output
5
YA
YA quadrature output
6
XY_LED
LED control
7
REFA
Internal reference
8
REFB
Internal reference
9
OSC_IN
Oscillator input
10
GND
System ground
11
OSC_OUT
Oscillator output
12
GND
System ground
13
VDD
5.0 volt power supply
14
R_BIN
LED current bin resistor
15
PD
Power down pin, active high
16
SDIO
Serial data (input and output)
Figure 1. Top view.
Figure 2. Package outline drawing.
A2051
YYWW
SCLK
1
XA
2
XB
3
YB
4
YA
5
XY_LED
6
REFA
7
REFB
8
SDIO
16
PD
15
R_BIN
14
VDD
13
GND
12
OSC_OUT
11
GND
10
OSC_IN
9
KAPTON TAPE
3.18
(0.125)
9.10
(0.358)
12.34
(0.486)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. DIMENSIONAL TOLERANCE: ± 0.1 mm.
3. COPLANARITY OF LEADS: 0.1 mm.
4. LEAD PITCH TOLERANCE: ± 0.15 mm.
5. CUMULATIVE PITCH TOLERANCE: ± 0.15 mm.
6. ANGULAR TOLERANCE: ± 3.0 DEGREES.
7. MAXIMUM FLASH + 0.2 mm.
8. CHAMFER (25 DEGREES x 2) ON THE TAPER SIDE OF THE LEAD.
1.42
(0.056)
0.99
(0.039)
6.17
(0.243)
5° TYP.
0.25
(0.010)
PIN 1
22.30
(0.878)
2.54
(0.100)
1.27
(0.050)
0.50
(0.020)
LEAD WIDTH
LEAD OFFSET
LEAD PITCH
13.38
(0.527)
6.02
(0.237)
4.55
(0.179)
∅ 5.60
(0.220)
∅ 0.80
(0.032)
5.15
(0.203)
Outline Drawing of ADNS-2051 Optical Mouse Sensor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ADNS-5100Solid-State Optical Mouse Lens 1 2 3 4 AVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HT82M23A3/5-Key USB+PS/2 Optical Mouse Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
ICX415ALDiagonal 8mm Type 1/2 Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras 1 2 3 4 5 MoreSony Corporation
HT82M25X3/5-Key USB+PS/2 Optical Mouse Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
TSL253RLIGHT-TO-VOLTAGE OPTICAL SENSOR 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn