Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNK-2052 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. ADNK-2052
Description  Solid-State Optical Mouse Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNK-2052 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
5
Figure 6. Block diagram of ADNS-2051 optical mouse sensor.
Figure 7. PCB assembly.
Typical Distance
Millimeters
Creepage
16.0
Clearance
2.1
OSCILLATOR
SERIAL PORT
LED
DRIVE
POWER ON
RESET
IMAGE
PROCESSOR
SCLK
SDIO
XA
XB
YA
YB
R_BIN
XY_LED
SERIAL PORT
QUADRATURE
OUTPUTS
LED
OSC_IN
OSC_OUT
REFA
REFB
PD
VDD
GND
GND
RESONATOR
VOLTAGE
REFERENCE
5 VOLT
POWER
CLIP
LED
PCB
SENSOR
LENS/LIGHT PIPE
BASE PLATE
SURFACE
Design Considerations for Improving
ESD Performance
The flange on the lens has been
designed to increase the creepage
and clearance distance for elec-
trostatic discharge. The table on
the right shows typical values
assuming base plate construction
per the Agilent supplied IGES file
and HDNS-2100 lens flange.
For improved ESD performance,
the lens flange can be sealed (i.e.
glued) to the base plate. Note that
the lens material is polycarbonate
and therefore, cyanoacrylate-
based adhesives or other
adhesives that may damage the
lens should NOT be used.
The trimmed lens, HDNS-
2100#001, is not recommended
for corded applications due to the
ESD spec requirement.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ADNS-5100Solid-State Optical Mouse Lens 1 2 3 4 AVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
HT82M23A3/5-Key USB+PS/2 Optical Mouse Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
ICX415ALDiagonal 8mm Type 1/2 Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras 1 2 3 4 5 MoreSony Corporation
HT82M25X3/5-Key USB+PS/2 Optical Mouse Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
TSL253RLIGHT-TO-VOLTAGE OPTICAL SENSOR 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn