Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS051DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVDS051DRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS051DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS051DRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS051DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301O – APRIL 1998 – REVISED MAY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
50
See Figure 5 and Table 2
mV
VIT-
Negative-going differential input voltage threshold
–50
IOH = -8 mA
2.4
VOH
High-level output voltage
V
IOH = -4 mA
2.8
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
VI = 0
–2
–11
–20
II
Input current (A or B inputs)
µA
VI = 2.4 V
–1.2
–3
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
±20
µA
IIH
High-level input current (enables)
VIH = 5 V
±10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
±10
µA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
µA
CI
Input capacitance
5
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
1.7
2.7
ns
RL = 100 Ω,
tr
Differential output signal rise time
0.8
1
ns
CL = 10 pF,
tf
Differential output signal fall time
0.8
1
ns
See Figure 2
tsk(p)
Pulse skew (|tpHL - tpLH|)(2)
300
ps
tsk(o)
Channel-to-channel output skew(3)
150
ps
ten
Enable time
4.3
10
ns
See Figure 4
tdis
Disable time
3.1
10
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
(3)
tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
3.7
4.5
ns
tPHL
Propagation delay time, high-to-low-level output
3.7
4.5
ns
CL = 10 pF,
tsk(p)
Pulse skew (|tpHL - tpLH|)(2)
0.3
ns
See Figure 6
tr
Output signal rise time
0.7
1.5
ns
tf
Output signal fall time
0.9
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
2.5
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
2.5
ns
See Figure 7
tPHZ
Propagation delay time, high-level-to-high-impedance output
7
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
4
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDS051DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051DRG4 TI-SN65LVDS051DRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4 TI-SN65LVDS051DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4Q1 TI1-SN65LVDS051DRG4Q1 Datasheet
600Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051DRG4Q1 TI1-SN65LVDS051DRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com