Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C256B-25N6TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C256B-25N6TR
Description  256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C256B-25N6TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C256B-25N6TR Datasheet HTML 4Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 5Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 6Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 7Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 8Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 9Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 10Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 11Page - STMicroelectronics M27C256B-25N6TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M27C256B
8/16
PRESTO II Programming Algorithm
PRESTO II Programming Algorithm allows to pro-
gram the whole array with a guaranteed margin, in
a typical time of 3.5 seconds. Programming with
PRESTO II involves the application of a sequence
of 100µs program pulses to each byte until a cor-
rect verify occurs (see Figure 7). During program-
ming and verify operation, a MARGIN MODE
circuit is automatically activated in order to guar-
antee that each cell is programmed with enough
margin. No overprogram pulse is applied since the
verify in MARGIN MODE provides necessary mar-
gin to each programmed cell.
Program Inhibit
Programming of multiple M27C256Bs in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including G of the parallel
M27C256B may be common. A TTL low level
pulse applied to a M27C256B's E input, with VPP
at 12.75V, will program that M27C256B. A high
level E input inhibits the other M27C256Bs from
being programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with G
at VIL, E at VIH, VPP at 12.75V and VCC at 6.25V.
Figure 6. Programming and Verify Modes AC Waveforms
tAVEL
VALID
AI00759
A0-A14
Q0-Q7
VPP
VCC
G
DATA IN
DATA OUT
E
tQVEL
tVPHEL
tVCHEL
tEHQX
tELEH
tGLQV
tQXGL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 7. Programming Flowchart
AI00760B
n = 0
Last
Addr
VERIFY
E = 100
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


Similar Part No. - M27C256B-25N6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-25B1TR STMICROELECTRONICS-M27C256B-25B1TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25B3TR STMICROELECTRONICS-M27C256B-25B3TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25B6TR STMICROELECTRONICS-M27C256B-25B6TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25C1TR STMICROELECTRONICS-M27C256B-25C1TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B-25C3TR STMICROELECTRONICS-M27C256B-25C3TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C256B-25N6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com