Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT365 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MKT365
Description  Metallized polyester film capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT365 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MKT365 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKT365 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1999 Apr 29
82
BC Components
Product specification
Metallized polyester film capacitors
MKT 365/366/367
MKT 365/366/367 GENERAL DATA
PITCH 5 mm (kinked and straight leads)
Specific reference data for the 63 V DC capacitors
Available 63 V DC versions
Notes
1. For SPQ refer to this handbook, chapter
“Packaging information”.
2. H
= in-tape height; for detailed specifications refer to this handbook, chapter “Packaging information”.
DESCRIPTION
VALUE
at 1 kHz
at 10 kHz
at 100 kHz
Tangent of loss angle:
C
≤ 0.1 µF
≤75 × 10−4
≤130 × 10−4
≤225 × 10−4
0.1
µF < C ≤ 0.47 µF
≤75 × 10−4
≤130 × 10−4
≤300 × 10−4
0.47
µF < C ≤ 1.0 µF
≤75 × 10−4
≤130 × 10−4
Rated voltage pulse slope (dU/dt)R at 63 V (DC)
110 V/
µs
R between leads, for C
≤ 0.33 µF at 10 V; 1 minute
>15000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>5000 s
R between interconnecting leads and casing; 100 V; 1 minute
>30000 MΩ
Withstanding voltage DC (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
PACKAGING(1)
DIMENSIONS
LEAD
CONFIGURATION
PITCH
(mm)
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
C-tol
=±10%
C-tol
=±5%
Ammopack
H
= 16.0 mm; note 2
kinked
5
2222 365 75... 2222 365 76...
preferred
Taped on reel
5
2222 365 71... 2222 365 72...
on request
Loose in box
lt = 4.0 +1.0/−0.5 mm
5
2222 366 75... 2222 366 76...
on request
lt = 17.0 ±4.0 mm
5
2222 366 71... 2222 366 72...
on request
Loose in box
lt = 4.0 +1.0/−0.5 mm
straight
5
2222 367 75... 2222 367 76...
on request
lt = 22.0 ±4.0 mm
5
2222 367 71... 2222 367 72...
on request
Fig.4 Outline.
(1) Hole
∅1.0 for d
t = 0.5 mm.
(2) 0
≤α <50°.
handbook, full pagewidth
seating plane(1)
l
b
P
(2)
∅dt
∅d
t
lt
h
CBA775
A
∅1.3
≤1.5
P
l
lt
h
b
α


Similar Part No. - MKT365

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
MKT365 VISHAY-MKT365 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT365 VISHAY-MKT365_08 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
More results

Similar Description - MKT365

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com