Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG307AAK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG307AAK
Description  CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG307AAK Datasheet(HTML) 3 Page - Vishay Siliconix

  DG307AAK Datasheet HTML 1Page - Vishay Siliconix DG307AAK Datasheet HTML 2Page - Vishay Siliconix DG307AAK Datasheet HTML 3Page - Vishay Siliconix DG307AAK Datasheet HTML 4Page - Vishay Siliconix DG307AAK Datasheet HTML 5Page - Vishay Siliconix DG307AAK Datasheet HTML 6Page - Vishay Siliconix DG307AAK Datasheet HTML 7Page - Vishay Siliconix DG307AAK Datasheet HTML 8Page - Vishay Siliconix DG307AAK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG304A/305A/306A/307A
Vishay Siliconix
Document Number: 70045
S-52880—Rev. C, 28-Apr-97
www.vishay.com
S FaxBack 408-970-5600
4-3
ORDERING INFORMATION
Temp Range
Package
Part Number
DG304A
–0 to 70
_C
14-Pin Plastic DIP
DG304ACJ
55
125 C
14-Pin CerDIP
DG304AAK/883
–55 to 125
_C
14-Pin CerDIP
JM38510/11605BCA
–55 to 125
_C
10-Pin Can
JM38510/11605BIA
14-Pin Sidebraze
JM38510/11605BCC
DG305A
55
125 C
14-Pin CerDIP
JM38510/11605BCA
–55 to 125
_C
10-Pin Can
JM38510/11606BIC
14-Pin Sidebraze
JM38510/11606BCA
DG306A
–0 to 70
_C
14-Pin Plastic DIP
DG306ACJ
55
125 C
14-Pin CerDIP
DG306AAK/883
–55 to 125
_C
14-Pin CerDIP
JM38510/11607BCA
14-Pin Sidebraze
JM38510/11607BCC
DG307A
0 to 70
_C
14-Pin Plastic DIP
DG307ACJ
–25 to 85
_C
14 Pi C DIP
DG307ABK
55
125 C
14-Pin CerDIP
DG307AAK
–55 to 125
_C
14-Pin CerDIP
DG307AAK/883
–55 to 125
_C
JM38510/11608BCA
14-Pin Sidebraze
JM38510/11608BCC
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2V or
. . . . . . . . . . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current, Any Terminal
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
(Pulsed at 1 ms, 10% duty cycle max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AAA, AAK, ABK Suffix)
–65 to 150
_C
. . . . . .
(ACJ Suffix)
–65 to 125
_C
. . . . . . . . . . . . . . . . .
Power Dissipationb
14-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin CerDIPd
825 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10-Pin Metal Cane
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 11 mW/
_C above 75_C
d.
Derate 6.5 mW/
_C above 25_C
e.
Derate 6 mW/
_C above 75_C


Similar Part No. - DG307AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG307A MAXIM-DG307A Datasheet
291Kb / 8P
   CMOS Analog Switchs
DG307A MAXIM-DG307A Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG307A VISHAY-DG307A Datasheet
97Kb / 9P
   CMOS Analog Switches
18-Jul-08
logo
Maxim Integrated Produc...
DG307ABK MAXIM-DG307ABK Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
DG307ABWE MAXIM-DG307ABWE Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
More results

Similar Description - DG307AAK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com