Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A40CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR20A40CT
Description  20A SBR짰 SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A40CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR20A40CT Datasheet HTML 1Page - Diodes Incorporated SBR20A40CT Datasheet HTML 2Page - Diodes Incorporated SBR20A40CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR20A40CT
SBR20A40CTFP
SBR is a registered trademark of Diodes Incorporated.
0
5
10
0
25
50
75
100
125
150
TC CASE TEMPERATURE (°C)
0.1
1
10
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Tj=25
°C
Tj=125
°C
Tj=150
°C
Tj=75
°C
Figure 1: Current Derating Curve, Per Element
Figure 2: Typical Forward Characteristics, Per Element
0.1
1
10
100
0
10
20
30
40
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Tj=150
°C
Tj=25
°C
Tj=125
°C
Tj=75
°C
Figure 3: Typical Reverse Characteristics, Per Element
Ordering Information (Note 3)
Part Number
Case
Packaging
SBR20A40CT
TO-220AB
50 pieces/tube
SBR20A40CTFP
ITO-220AB
50 pieces/tube
Notes:
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
20A40CT
YYWW
AB
SBR
YYWW
AB
20A40CTFP
SBR
SBR20A40CT = Product Type Marking Code
AB = Foundry and Assembly Code
SBR20A40CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YYWW = Date Code Marking
YY = Last two digits of year, ex: 06 = 2006
YY = Last two digits of year, ex: 06 = 2006
WW = Week (01-52)
WW = Week (01-52)
SBR20A40
Document number: DS30963 Rev. 3 - 2
2 of 3
www.diodes.com
March 2008
© Diodes Incorporated


Similar Part No. - SBR20A40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A40CT DIODES-SBR20A40CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A40 Rev. 2
SBR20A40CT DIODES-SBR20A40CT Datasheet
150Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT-G DIODES-SBR20A40CT-G Datasheet
150Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR20A40CTFP DIODES-SBR20A40CTFP Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A40 Rev. 2
More results

Similar Description - SBR20A40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com