Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10U300CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR10U300CT
Description  10A SBR짰 SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10U300CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR10U300CT_08 Datasheet HTML 1Page - Diodes Incorporated SBR10U300CT_08 Datasheet HTML 2Page - Diodes Incorporated SBR10U300CT_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR10U300CT
SBR10U300CTFP
10A SBR
®
SUPER BARRIER RECTIFIER
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
Case: TO-220AB and ITO-220AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: TO-220AB - 2.1 grams (approximate)
ITO-220AB -1.9 grams (approximate)
Package Pin Out
Configuration
TO-220AB
ITO-220AB
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Average Rectified Output Current @TC = 150ºC
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
150
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RθJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
300
-
-
V
IR = 0.2mA
Forward Voltage Drop
VF
-
-
0.64
-
0.86
0.71
0.92
V
IF = 5A, TJ = 25ºC
IF = 5A, TJ = 125ºC
IF = 10A, TJ = 25ºC
Leakage Current (Note 1)
IR
-
-
0.2
25
mA
VR = 300V, TJ = 25ºC
VR = 300V, TJ = 125ºC
-
25
30
IF = 0.5A, IR = 1A, IRR = 0.25A
Reverse Recovery Time
trr
-
28
35
ns
IF = 1A, VR = 30V
di/dt = 100A/
μs, TJ = 25ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
SBR is a registered trademark of Diodes Incorporated.
SBR10U300
Document number: DS30991 Rev. 5 - 2
1 of 3
www.diodes.com
April 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - SBR10U300CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U300CT-G DIODES-SBR10U300CT-G Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U300CTFP DIODES-SBR10U300CTFP Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR10U300CTFP DIODES-SBR10U300CTFP Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U300CTFP-G DIODES-SBR10U300CTFP-G Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U300CTFP-JT DIODES-SBR10U300CTFP-JT Datasheet
172Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10U300CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1040 DIODES-SBR1040_15 Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10120CTL DIODES-SBR10120CTL_15 Datasheet
80Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200 DIODES-SBR10200_15 Datasheet
186Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45D1Q DIODES-SBR10U45D1Q_15 Datasheet
170Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR10150 DIODES-SBR10150_15 Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CTL DIODES-SBR10150CTL_15 Datasheet
96Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com