Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACSA04-41SURKWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. ACSA04-41SURKWA-F01
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

ACSA04-41SURKWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAG0285
REV NO: V.4
DATE: JUN/14/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.H.CHEN
ERP: 1351000376
SURFACE MOUNT DISPLAY
Part Number: ACSA04-41SURKWA-F01
Hyper Red
Features
0.4INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
GRAY FACE,WHITE SEGMENT.
PACKAGE:400PCS/ REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with
InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC03-41SYKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA08-51SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC03-41SYKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SEKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA08-51SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SEKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC03-41SYKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA08-51SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SEKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC03-41SYKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA08-51SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SEKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA02-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn