Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T16XXH-6G Datasheet(PDF) 1 Page - STMicroelectronics

Part # T16XXH-6G
Description  High temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T16XXH-6G Datasheet(HTML) 1 Page - STMicroelectronics

  T16XXH-6G Datasheet HTML 1Page - STMicroelectronics T16XXH-6G Datasheet HTML 2Page - STMicroelectronics T16XXH-6G Datasheet HTML 3Page - STMicroelectronics T16XXH-6G Datasheet HTML 4Page - STMicroelectronics T16XXH-6G Datasheet HTML 5Page - STMicroelectronics T16XXH-6G Datasheet HTML 6Page - STMicroelectronics T16XXH-6G Datasheet HTML 7Page - STMicroelectronics T16XXH-6G Datasheet HTML 8Page - STMicroelectronics T16XXH-6G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2007
Rev 1
1/10
10
T1635H, T1650H
Snubberless™
High temperature 16 A Triacs
Main characteristics
Features
Medium current Triac
150° C max. Tj turn-off commutation
Low thermal resistance with clip bonding
Very high 3 quadrant commutation capability
Packages are RoHS (2002/95/EC) compliant
Applications
Especially designed to operate in high power
density or universal motor applications such as
vacuum cleaner and washing machine drum
motor, these 16 A triacs provide a very high
switching capability up to junction temperatures of
150° C.
The heatsink can be reduced, compared to
traditional triacs, according to the high
performance at given junction temperatures.
Description
Available in through-hole or surface mount
packages, the T1635H and T1650H triac series
are suitable for general purpose mains power AC
switching.
TM: Snubberless is a trademark of STMicroelectronics
Order codes
Symbol
Value
Unit
IT(RMS)
16
A
VDRM/VRRM
600
V
IGT
35 or 50
mA
Part Numbers
Marking
T1635H-6G
T1635H 6G
T1650H-6G
T1650H 6G
T1635H-6G-TR
T1635H 6G
T1650H-6G-TR
T1650H 6G
T1635H-6T
T1635H 6T
T1650H-6T
T1650H 6T
T1635H-6I
T1635H 6I
T1650H-6I
T1650H 6I
A2
A1
G
A2
A2
A1
G
A2
A2
A1
G
A2
A1
G
D2PAK
T16xxH-6G
TO-220AB
T16xxH-6T
TO-220AB Insulated
T16xxH-6I
www.st.com


Similar Part No. - T16XXH-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T16XX-XXXG STMICROELECTRONICS-T16XX-XXXG Datasheet
99Kb / 9P
   16A TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
More results

Similar Description - T16XXH-6G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
logo
NXP Semiconductors
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com