Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1650H-6I Datasheet(PDF) 9 Page - STMicroelectronics

Part # T1650H-6I
Description  High temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1650H-6I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T1650H-6I Datasheet HTML 2Page - STMicroelectronics T1650H-6I Datasheet HTML 3Page - STMicroelectronics T1650H-6I Datasheet HTML 4Page - STMicroelectronics T1650H-6I Datasheet HTML 5Page - STMicroelectronics T1650H-6I Datasheet HTML 6Page - STMicroelectronics T1650H-6I Datasheet HTML 7Page - STMicroelectronics T1650H-6I Datasheet HTML 8Page - STMicroelectronics T1650H-6I Datasheet HTML 9Page - STMicroelectronics T1650H-6I Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T1635H, T1650H
Ordering Information
9/10
4
Ordering Information
5
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
T16xxH-6G
T16xxH 6G
D2PAK
1.5 g
50
Tube
T16xxH-6G-TR
T16xxH 6G
D2PAK
1.5 g
1000
Tape and reel
T16xxH-6T
T16xxH 6T
TO-220AB
2.3 g
50
Tube
T16xxH-6I
T16xxH 6I
TO-220AB Ins
2.3 g
50
Tube
Date
Revision
Description of Changes
29-May-2007
1
First issue


Similar Part No. - T1650H-6I

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T1650H-6G ISC-T1650H-6G Datasheet
237Kb / 2P
   isc Triacs
More results

Similar Description - T1650H-6I

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
logo
NXP Semiconductors
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com