Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS157ADE4 Datasheet(PDF) 3 Page - Tachyonics CO,. LTD

Part # SN74ALS157ADE4
Description  QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

SN74ALS157ADE4 Datasheet(HTML) 3 Page - Tachyonics CO,. LTD

  SN74ALS157ADE4 Datasheet HTML 1Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 2Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 3Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 4Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 5Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 6Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 7Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 8Page - Tachyonics CO,. LTD SN74ALS157ADE4 Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54ALS157A, SN54ALS158
SN74ALS157A, SN74ALS158, SN74AS157, SN74AS158
QUAD 1OF2 DATA SELECTORS/MULTIPLEXERS
SDAS081C − APRIL 1982 − REVISED DECEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic diagrams (positive logic)
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
′ALS157A
′ALS158
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
SN74AS157
SN74AS158
4Y
3Y
2Y
1Y
12
9
7
4
A /B
G
4B
4A
3B
3A
2B
2A
1B
1A
1
15
13
14
10
11
6
5
3
2
Pin numbers shown are for the D, J, and N packages.


Similar Part No. - SN74ALS157ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS157ADE4 TI-SN74ALS157ADE4 Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74ALS157ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com