Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS170ADW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170ADW
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170ADW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75ALS170ADW Datasheet HTML 5Page - Texas Instruments SN75ALS170ADW Datasheet HTML 6Page - Texas Instruments SN75ALS170ADW Datasheet HTML 7Page - Texas Instruments SN75ALS170ADW Datasheet HTML 8Page - Texas Instruments SN75ALS170ADW Datasheet HTML 9Page - Texas Instruments SN75ALS170ADW Datasheet HTML 10Page - Texas Instruments SN75ALS170ADW Datasheet HTML 11Page - Texas Instruments SN75ALS170ADW Datasheet HTML 12Page - Texas Instruments SN75ALS170ADW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
Output
RL2 = 75 Ω
RL1 = 165 Ω
5 V
0 V
S1
CL = 60 pF
(see Note B)
3V
S2
RL3 = 165 Ω
50
Generator
(see Note A)
Input
Output
S2 to 0 V
S1 to 5 V
≈ 2.9 V
0 V
3 V
10%
90%
90%
10%
0 V
tt(OD)
td(ODL)
tt(OD)
td(ODH)
Output
Input
1.5 V
≈ – 2.9 V
CL = 60 pF
(see Note B)
5 V
0 V
1.5 V
1.5 V
1.5 V
0 V
3 V
S2 to 5 V
S1 to 0 V
td(ODL)
td(ODH)
90%
10%
0 V
0 V
10%
90%
tt(OD)
tt(OD)
≈ 2.3 V
≈ – 2.9 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms With Double-Differential-SCSI
Termination for the Load
–IOH
VOH
+IOL
VOL
VID
Figure 5. Receiver VOH and VOL


Similar Part No. - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com