Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1101W Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # AA1101W
Description  1101W Series Standard Type Flat Lens SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AA1101W Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  AA1101W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AA1101W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Precautions
Please follow these handling precautions to prevent damage to the chip and
ensure its reliability.
1. Soldering conditions:
• Soldering iron: Temperature at tip of iron: 280°C max. (30W max.)
Soldering time: 3 sec. max.
• Dip soldering: Preheating: 120 ~ 150°C max. (resin surface temp.)
60 ~ 120 sec. max. Bath temperature: 260°C max. Dipping Time: 5 sec. max.
• Reflow Soldering:
2. Cleaning:
• If cleaning is required, use the following solutions for less than 1 minute,
at less than 40°C.
• Appropriate chemicals: Ethyl alcohol and isopropyl alcohol.
• Effect of ultrasonic cleaning on the LED resin body differs depending on such
factors as the oscillator output, size of PCB and LED mounting method. The
use of ultrasonic cleaning should be enforced at proper output after confirming
there is no problem.
Product specifications subject to change without notice. PG1101W-0301
s Taping Specifications
s Operation Current Derating Chart (DC)
BR, AA, AY, PY, PG, BG
s Spatial Distribution
Stanley Electric Sales of America, Inc.
2660 Barranca Parkway, Irvine, CA 92606
• Tel: 800-LED-LCD1 (533-5231)
• Fax: 949-222-0555
Website: www.stanley-electric.com
Operation Heating
Pre-heating
Temperature
rise: 5°C/sec.
Cooling:
—5°C/sec.
60 to 120 sec.
5 sec. max
0
120
150
240
°C
(0.2)
(1.7)
(1.8)
Center
Hole
φ 1.1)
(
4+0.1
φ 1.5
+0.1
0
2+0.05
4+0.1
Direction to pull
Quantity on tape:
2,500 pieces
per reel
(Ta=25°C)
s Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
∆IF
mW
mA
mA
V
°C
°C
mA/°C
* Ta=25°C,
IFM applies for the pulse width ≤ 1msec. and duty cycle ≤1/20.
0.42 (DC) 0.93 (Pulse)
Units
Item
-30 to +85
-40 to +100
Red
BR
60
30
70
4
Orange
AA
75
30
70
4
Yellow
AY
75
30
70
4
Green
PG
75
30
70
4
φ 21+0.8
9+0.3
11.4+1
φ 13+0.2
φ 180
+0
3
2+0.5
Yellow
Green
PY
75
30
70
4
Pure
Green
BG
75
30
70
4


Similar Part No. - AA1101W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
STANLEY ELECTRIC CO.,LT...
AA1101W STANLEY-AA1101W Datasheet
724Kb / 21P
   Single Color 3216 Type
More results

Similar Description - AA1101W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
Chicago Miniature Lamp,...
195B135XUC CML-195B135XUC Datasheet
420Kb / 1P
   LED Indicator 22mm Standard Bezel White Flat Lens
1938125X CML-1938125X Datasheet
411Kb / 1P
   LED Indicator 16mm Standard Bezel with Flat Lens
195B125XUC CML-195B125XUC Datasheet
420Kb / 1P
   LED Indicator 22mm Standard Bezel White Flat Lens
195BX25XMUC CML-195BX25XMUC Datasheet
436Kb / 1P
   LED Indicator 22mm Standard Bezel White Flat Lens
1938X25XM CML-1938X25XM Datasheet
424Kb / 1P
   LED Indicator 16mm Standard Bezel with Flat Lens
1941X13XM CML-1941X13XM Datasheet
422Kb / 1P
   LED Indicator 16mm Standard Bezel with Flat Lens
1941113X CML-1941113X Datasheet
413Kb / 1P
   LED Indicator 16mm Standard Bezel with Flat Lens
1941123X CML-1941123X Datasheet
416Kb / 1P
   LED Indicator 16mm Standard Bezel with Flat Lens
195BX35XMUC CML-195BX35XMUC Datasheet
436Kb / 1P
   LED Indicator 22mm Standard Bezel White Flat Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com