Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450TB4330JR06 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PHE450TB4330JR06
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450TB4330JR06 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PHE450TB4330JR06 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE450TB4330JR06 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
240
PHE450
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
630 VDC / 300 VAC
(1 section)
LEAD SPACING 7.5 MM
0.015
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE450MK5150JR05
0.018
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1400
160
PHE450MK5180JR05
0.022
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1400
160
PHE450MK5220JR05
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4100JR05
0.0012
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4120JR05
0.0015
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4180JR05
0.0022
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4390JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4470JR05
0.0056
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4560JR05
0.0068
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450MA4680JR05
0.0082
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450MA4820JR05
0.010
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450MA5100JR05
0.012
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450MA5120JR05
0.015
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450MA5150JR05
0.018
4.5
10.5
13.0
10.0
1000
800
0.9
1200
122
PHE450MA5180JR05
0.022
4.5
10.5
13.0
10.0
1000
800
0.9
1200
122
PHE450MA5220JR05
0.027
5.0
11.0
13.0
10.0
800
700
1.0
1200
116
PHE450MA5270JR05
0.033
6.0
12.0
13.0
10.0
600
500
1.3
1200
105
PHE450MA5330JR05
0.039
6.0
12.0
13.0
10.0
600
500
1.3
1200
105
PHE450MA5390JR05
630 VDC / 400 VAC
(2 section)
LEAD SPACING 15 MM
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450MB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450MB5120JR06
0.015
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450MB5150JR06
0.018
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450MB5180JR06
0.022
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450MB5220JR06
0.027
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450MB5270JR06
0.033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450MB5330JR06
0.039
5.5
12.5
18.0
15.0
1000
600
1.7
2500
90
PHE450MB5390JR06
0.047
6.5
12.5
18.0
15.0
1000
500
2.0
2500
85
PHE450MB5470JR06
0.056
6.5
12.5
18.0
15.0
1000
500
2.0
2500
85
PHE450MB5560JR06
0.068
7.5
14.5
18.0
15.0
800
400
2.7
2500
75
PHE450MB5680JR06
0.082
8.0
15.0
18.0
15.0
600
400
3.0
2500
72
PHE450MB5820JR06
0.10
8.5
16.0
18.0
15.0
600
400
3.4
2500
70
PHE450MB6100JR06
0.12
9.5
17.5
18.0
15.0
500
350
4.2
2500
61
PHE450MB6120JR06
0.15
9.5
17.5
18.0
15.0
500
350
4.2
2500
61
PHE450MB6150JR06
LEAD SPACING 22.5 MM
0.033
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450MD5330JR06L2
0.039
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450MD5390JR06L2
0.047
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450MD5470JR06L2
0.056
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450MD5560JR06L2
0.068
6.5
14.5
26.0
22.5
234
3.2
1800
59
PHE450MD5680JR06L2
0.082
6.5
14.5
26.0
22.5
234
3.2
1800
59
PHE450MD5820JR06L2
0.10
6.5
14.5
26.0
22.5
234
3.2
1800
59
PHE450MD6100JR06L2
0.12
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450MD6120JR06L2
0.15
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450MD6150JR06L2
0.18
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450MD6180JR06L2
0.22
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450MD6220JR06L2
0.27
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE450MD6270JR06L2
0.33
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE450MD6330JR06L2


Similar Part No. - PHE450TB4330JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17 Datasheet
58Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 2500 VDC@85C, Lead Spacing=15 mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450TB5180FB04R06 KEMET-PHE450TB5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450TB5180GB04R06 KEMET-PHE450TB5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450TB4330JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com