Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA5060PBC-G Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA5060PBC-G
Description  5.0X6.0mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA5060PBC-G Datasheet(HTML) 2 Page - Kingbright Corporation

  AA5060PBC-G Datasheet HTML 1Page - Kingbright Corporation AA5060PBC-G Datasheet HTML 2Page - Kingbright Corporation AA5060PBC-G Datasheet HTML 3Page - Kingbright Corporation AA5060PBC-G Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD0903
REV NO: V.4
DATE: MAR/08/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1201000519
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 30mA
Viewing
Angle
Min.
Typ.
2
θ1/2
AA5060PBC/G
BLUE (InGaN)
WATER CLEAR
180
300
100
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD
Dominant Wavelength
Blue
470
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Blue
26
nm
IF=20mA
C
Capacitance
Blue
110
pF
VF=0V;f=1MHz
VF
Forward Voltage
Blue
3.6
4.3
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR = 5V
Parameter
Blue
Units
Power dissipation
129
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Similar Part No. - AA5060PBC-G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060PBC KINGBRIGHT-AA5060PBC Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC KINGBRIGHT-AA5060PBC Datasheet
201Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC/G KINGBRIGHT-AA5060PBC/G Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC/H KINGBRIGHT-AA5060PBC/H Datasheet
201Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC KINGBRIGHT-AA5060PBC_1 Datasheet
201Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA5060PBC-G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060SEC-E KINGBRIGHT-AA5060SEC-E Datasheet
204Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC_1 Datasheet
233Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC Datasheet
211Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC-E KINGBRIGHT-AA5060SYC-E Datasheet
206Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SURC-G KINGBRIGHT-AA5060SURC-G Datasheet
185Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC-J KINGBRIGHT-AA5060SEC-J Datasheet
129Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060TGC KINGBRIGHT-AA5060TGC Datasheet
190Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC KINGBRIGHT-AA5060PBC_1 Datasheet
201Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC KINGBRIGHT-AA5060SEC_1 Datasheet
232Kb / 5P
   5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SURC KINGBRIGHT-AA5060SURC_1 Datasheet
189Kb / 4P
   5.0X6.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com