Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7867 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7867
Description  10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7867 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7867 Datasheet HTML 1Page - Burr-Brown (TI) ADS7867 Datasheet HTML 2Page - Burr-Brown (TI) ADS7867 Datasheet HTML 3Page - Burr-Brown (TI) ADS7867 Datasheet HTML 4Page - Burr-Brown (TI) ADS7867 Datasheet HTML 5Page - Burr-Brown (TI) ADS7867 Datasheet HTML 6Page - Burr-Brown (TI) ADS7867 Datasheet HTML 7Page - Burr-Brown (TI) ADS7867 Datasheet HTML 8Page - Burr-Brown (TI) ADS7867 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ADS7884 SPECIFICATIONS
ADS7884
ADS7885
SLAS567 – MARCH 2008
+VDD = 2.7 V to 5.5 V, TA = –40°C to 125°C, fsample = 2.5 MSPS for VDD = 2.7 V to 3.6 V, fsample = 3 MSPS for VDD = 3.6 V to
5.5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
VDD
V
Absolute input voltage range
+IN
–0.20
VDD+0.20
V
Ci
Input capacitance(2)
27
pF
IIlkg
Input leakage current
TA = 125°C
40
nA
SYSTEM PERFORMANCE
Resolution
10
Bits
No missing codes
10
Bits
INL
Integral nonlinearity
–0.8
±0.3
0.8
LSB(3)
DNL
Differential nonlinearity
–0.8
±0.3
0.8
LSB
EO
Offset error(4)(5)(6)
–1
±0.2
1
LSB
EG
Gain error(5)
–1
±0.2
1
LSB
SAMPLING DYNAMICS
Conversion time
48-MHz SCLK, VDD = 5 V
224
240
ns
Acquisition time
93.3
ns
Maximum throughput rate
48-MHz SCLK, VDD = 5 V
3
MHz
Aperture delay
10
ns
DYNAMIC CHARACTERISTICS
THD
Total harmonic distortion(7)
100 kHz
–81
dB
SINAD
Signal-to-noise and distortion
100 kHz
60
61.7
dB
SFDR
Spurious free dynamic range
100 kHz
81
dB
Full power bandwidth
At –3 dB
30
MHz
DIGITAL INPUT/OUTPUT
Logic family — CMOS
VDD = 2.7 V to 3.6 V
1.5
5.5
VIH
High-level input voltage
V
VDD = 3.6 V to 5.5 V
2.2
5.5
VDD = 5 V
0.8
VIL
Low-level input voltage
V
VDD = 3 V
0.4
VOH
High-level output voltage
At Isource = 200 µA
VDD–0.2
V
VOL
Low-level output voltage
At Isink = 200 µA
0.4
POWER SUPPLY REQUIREMENTS
+VDD
Supply voltage
2.7
3.3
5.5
V
At VDD = 3.0 V, 2.5-MSPS throughput
2.25
3
At VDD = 3.0 V, static state
1.8
Supply current (normal mode)
mA
At VDD = 5.0 V, 3-MSPS throughput
3
4
At VDD = 5.0 V, static state
2
SCLK off
1
Power down state supply current
µA
SCLK on (48 MHz)
90
200
VDD = 5 V, 3 MSPS
15
20
Power dissipation
mW
VDD = 3 V, 2.5 MSPS
6.8
(1)
Ideal input span; does not include gain or offset error.
(2)
Refer to Figure 43 for details on sampling circuit
(3)
LSB means least significant bit
(4)
Measured relative to an ideal full-scale input
(5)
Offset error and gain error ensured by characterization.
(6)
First transition of 000H to 001H at (Vref/2
10)
(7)
Calculated on the first nine harmonics of the input frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7884 ADS7885


Similar Part No. - ADS7867

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7867 TI-ADS7867 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7867 TI-ADS7867 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7867 TI1-ADS7867 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7867I TI-ADS7867I Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7867IDBVR TI-ADS7867IDBVR Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7867

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com