Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC508A Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC508A
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC508A Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button MPC508A Datasheet HTML 5Page - Burr-Brown (TI) MPC508A Datasheet HTML 6Page - Burr-Brown (TI) MPC508A Datasheet HTML 7Page - Burr-Brown (TI) MPC508A Datasheet HTML 8Page - Burr-Brown (TI) MPC508A Datasheet HTML 9Page - Burr-Brown (TI) MPC508A Datasheet HTML 10Page - Burr-Brown (TI) MPC508A Datasheet HTML 11Page - Burr-Brown (TI) MPC508A Datasheet HTML 12Page - Burr-Brown (TI) MPC508A Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MPC508A, MPC509A
9
SBFS019A
www.ti.com
Out
±10V
A
En
+0.8V
I
D (Off)
10V
Out
±10V
A
I
D (On)
En
A
0
A
1
100nA
10nA
1nA
100pA
10pA
25
50
75
100
125
Temperature (
°C)
LEAKAGE CURRENT vs TEMPERATURE
NOTE: (1) Two measurements per channel: +10V/–10V and –10V/+10V.
(Two measurements per device for I
D (Off): +10V/–10V and –10V/+10V).
+4.0V
10V
Out
10V
I
S (Off)
±10V
A
En
+0.8V
Off Output
Current
I
D (Off)
Off Input
Leakage Current
I
S (Off)
On Leakage
Current I
D (On)
Analog Input Overvoltage (V)
+12
+15
+18
+21
+24
+27
+30
+33
+36
7
6
5
4
3
2
1
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
+V
IN
ANALOG INPUT OVERVOLTAGE CHARACTERISTICS
21
18
12
9
6
3
0
15
A
Analog Input Overvoltage (V)
−12
−15
−18
−21
−24
−27
−30
−33
−36
4
2
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
−V
IN
21
18
12
9
6
3
0
15
A
Positive Input Overvoltage
Negative Input Overvoltage
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)


Similar Part No. - MPC508A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508AP BURR-BROWN-MPC508AP Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508AP BURR-BROWN-MPC508AP Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC508A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com