Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT844SMX-2 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT844SMX-2
Description  low cost, 2 pad, high quality, low aging 8x4.5mm SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT844SMX-2 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT844SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT844SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology ACT844SMX-2 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Table 2
Stability
Temp
Standard stabilities
Standard Re-flow Profile
Issue 2 C1F
Date 03/05/06
+/- 10ppm +/- 20ppm +/- 30ppm +/- 50ppm
+/- 5ppm
-30~+80°C
-40~+85°C
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
0~+50°C
-10+60°C
-20~+70°C
ACT844SMX-2
2 of 3


Similar Part No. - ACT844SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT845SMX-2 ACT-ACT845SMX-2 Datasheet
97Kb / 2P
   2 pad, cost competitive ceramic packaged, glass sealed crystal.
28/10/05
ACT845SMX-2 ACT-ACT845SMX-2_10 Datasheet
345Kb / 3P
   2 pad, cost competitive ceramic packaged, glass sealed crystal.
14/12/2010
More results

Similar Description - ACT844SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT752SMX-2 ACT-ACT752SMX-2 Datasheet
196Kb / 2P
   low cost, 2 pad, high quality, low aging 7x5mm SMD Crystal
31-5-2012
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT634SMX-2 ACT-ACT634SMX-2 Datasheet
169Kb / 6P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
02/05/06
ACT634SMX-2 ACT-ACT634SMX-2_12 Datasheet
181Kb / 2P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
31-5-2012
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT753SMX-2 ACT-ACT753SMX-2 Datasheet
113Kb / 2P
   2 pad, high quality, low aging SMD
17/08/04
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
   4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
   4 pad, high quality, low aging SMD Crystal
01/02/06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com