Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5001CP-P Datasheet(PDF) 3 Page - Texas Instruments

Part # TL5001CP-P
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001CP-P Datasheet(HTML) 3 Page - Texas Instruments

  TL5001CP-P Datasheet HTML 1Page - Texas Instruments TL5001CP-P Datasheet HTML 2Page - Texas Instruments TL5001CP-P Datasheet HTML 3Page - Texas Instruments TL5001CP-P Datasheet HTML 4Page - Texas Instruments TL5001CP-P Datasheet HTML 5Page - Texas Instruments TL5001CP-P Datasheet HTML 6Page - Texas Instruments TL5001CP-P Datasheet HTML 7Page - Texas Instruments TL5001CP-P Datasheet HTML 8Page - Texas Instruments TL5001CP-P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
voltage reference
A 2.5-V regulator operating from VCC is used to power the internal circuitry of the TL5001 and TL5001A and as a
reference for the error amplifier and SCP circuits. A resistive divider provides a 1-V reference for the error amplifier
noninverting input which typically is within 2% of nominal over the operating temperature range.
error amplifier
The error amplifier compares a sample of the dc-to-dc converter output voltage to the 1-V reference and generates
an error signal for the PWM comparator. The dc-to-dc converter output voltage is set by selecting the error-amplifier
gain (see Figure 1), using the following expression:
VO = (1 + R1/R2) (1 V)
To PWM
Comparator
Vref = 1 V
4
VI(FB)
3
+
R2
R1
COMP
FB
Compensation
Network
TL5001/A
GND
8
Figure 1. Error-Amplifier Gain Setting
The error-amplifier output is brought out as COMP for use in compensating the dc-to-dc converter control loop for
stability. Because the amplifier can only source 45
µA, the total dc load resistance should be 100 kΩ or more.
oscillator/PWM
The oscillator frequency (fosc) can be set between 20 kHz and 500 kHz by connecting a resistor between RT and
GND. Acceptable resistor values range from 15 k
Ω to 250 kΩ. The oscillator frequency can be determined by using
the graph shown in Figure 5.
The oscillator output is a triangular wave with a minimum value of approximately 0.7 V and a maximum value of
approximately 1.3 V. The PWM comparator compares the error-amplifier output voltage and the DTC input voltage
to the triangular wave and turns the output transistor off whenever the triangular wave is greater than the lesser of
the two inputs.
dead-time control (DTC)
DTC provides a means of limiting the output-switch duty cycle to a value less than 100 %, which is critical for boost
and flyback converters. A current source generates a reference current (IDT) at DTC that is nominally equal to the
current at the oscillator timing terminal, RT. Connecting a resistor between DTC and GND generates a dead-time
reference voltage (VDT), which the PWM/DTC comparator compares to the oscillator triangle wave as described
in the previous section. Nominally, the maximum duty cycle is 0 % when VDT is 0.7 V or less and 100% when VDT
is 1.3 V or greater. Because the triangle wave amplitude is a function of frequency and the source impedance of
RT is relatively high (1250
Ω), choosing RDT for a specific maximum duty cycle, D, is accomplished using the
following equation and the voltage limits for the frequency in question as found in Figure 11 (Voscmax and Voscmin
are the maximum and minimum oscillator levels):


Similar Part No. - TL5001CP-P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001CP TI-TL5001CP Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CP TI1-TL5001CP Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPE4 TI1-TL5001CPE4 Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPS TI1-TL5001CPS Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPSLE TI1-TL5001CPSLE Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001CP-P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com