Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT9SKV-6 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT9SKV-6
Description  LVPECL or LVDS Voltage Controlled Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9SKV-6 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT9SKV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT9SKV-6 Datasheet HTML 2Page - Advanced Crystal Technology ACT9SKV-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Outline Dimensions (mm)
Maximum Re-flow Profile
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ISO9001:2000 Registered
ACT 9SKV-6 LVPECL or LVDS Voltage Control Oscillator
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Pad Surface Finish Au
OVER Ni
Issue: 4 SKr
Date: 2/11/05
2 of 3


Similar Part No. - ACT9SKV-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9SVH-6 ACT-ACT9SVH-6 Datasheet
191Kb / 2P
   a 6-pad miniature SMD Voltage Controlled Crystal Oscillator (VCXO)
29-09-05
More results

Similar Description - ACT9SKV-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
TAITIEN ELECTRONICS CO....
XO-0083-VW-LVDS-TYPE TAITIEN-XO-0083-VW-LVDS-TYPE Datasheet
285Kb / 1P
   5.0 x 3.2mm SMD LVPECL/LVDS Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VC-715 VECTRON-VC-715 Datasheet
231Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
VC-715 VECTRON-VC-715_06 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com