Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A4741DGKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A4741DGKR
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A4741DGKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A4741DGKR Datasheet HTML 2Page - Texas Instruments TS3A4741DGKR Datasheet HTML 3Page - Texas Instruments TS3A4741DGKR Datasheet HTML 4Page - Texas Instruments TS3A4741DGKR Datasheet HTML 5Page - Texas Instruments TS3A4741DGKR Datasheet HTML 6Page - Texas Instruments TS3A4741DGKR Datasheet HTML 7Page - Texas Instruments TS3A4741DGKR Datasheet HTML 8Page - Texas Instruments TS3A4741DGKR Datasheet HTML 9Page - Texas Instruments TS3A4741DGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
0
1
2
3
4
5
6
7
TA (°C)
−40
°C
25
°C
85
°C
TON = 1.8 V
TOFF = 1.8 V
TON = 3 V
TOFF = 3 V
0.001
0.010
0.100
1.000
10.000
100.000
1000.000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V+ (V)
855C
255C
–405C
−14
−12
−10
−8
−6
−4
−2
0
Frequency (MHz)
0.1
1
1000
10
100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Frequency (MHz)
0.1
1
1000
10
100
0.0000
0.0004
0.0008
0.0012
0.0016
0.0020
0.0024
0.0028
0.0032
0.0036
0.0040
0
Frequency (kHz)
10
100
100K
1K
10K
0.036
0.037
0.038
0.039
0.040
0.041
0.042
0
Frequency (kHz)
10
100
100K
1K
10K
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
TYPICAL PERFORMANCE (continued)
Figure 7. tON and tOFF vs Temperature
Figure 8. I+ vs V+
Figure 9. Gain vs Frequency (V+ = 3 V)
Figure 10. OFF Isolation vs Frequency
(V+ = 3 V)
Figure 11. Total Harmonic Distortion vs Frequency
Figure 12. Total Harmonic Distortion vs Frequency
(RL = 32 Ω)
(RL = 600 Ω)
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4741 TS3A4742


Similar Part No. - TS3A4741DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741DGKR TI-TS3A4741DGKR Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741DGKR TI-TS3A4741DGKR Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DGKR TI1-TS3A4741DGKR Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DGKRG4 TI-TS3A4741DGKRG4 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741DGKRG4 TI-TS3A4741DGKRG4 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

Similar Description - TS3A4741DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com