Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S281208 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S281208
Description  Power Side Lighting LED with Reflector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S281208 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S281208 Datasheet HTML 7Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 8Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 9Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 10Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 11Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 12Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 13Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 14Page - List of Unclassifed Manufacturers S281208 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AVA Technology
S281208
Doc. No. : RD-EDS-0018
Version 1.0
Date: 2006.10.24
Page: 10 of 14
®
12. RELIABILITY PLAN:
* The reliability of products shall be satisfied with items listed below.
Confidence Level :
90 % ,
LTPD : 10 %
No
Test Item
Description & Condition
Sample size
Ac/Re
Failure Criteria
1
Solderability
Tsld =245
5℃, 10sec,
1 time
22
0/1
2
Room Temperature
operating
Ta = 25 °C
IF = 20mA
1000 hrs
22
0/1
3
Room Temperature
operating
Ta = 25 °C
IF = 30mA
500 hrs
22
0/1
4
Low Temperature
Storage
Ta = -40 °C
1000 hrs
22
0/1
5
High Temperature
Storage
Ta = 100 °C
1000 hrs
22
0/1
6
Temperature Cycle
-40°C
~ 25°C
~ 100°C
~ 25 °C
30min
5min
30min
5 min
100 cycles
22
0/1
7
High Humidity Heat
Ta = 60 °C
RH=90%
IF = 15mA
500 hrs
22
0/1
IV < L* 0.6
(IF: 20mA)
VF > U * 1.1
(IF: 20mA)
IR > U * 2.0
(VR:5V)
L: Lower Spec.
Level
U: Upper Spec.
Level


Similar Part No. - S281208

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2812D IRF-S2812D Datasheet
138Kb / 9P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
S2812S IRF-S2812S Datasheet
138Kb / 9P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
More results

Similar Description - S281208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S401408 ETC2-S401408 Datasheet
329Kb / 15P
   Power Side Lighting LED with Reflector
S381206 ETC2-S381206 Datasheet
345Kb / 15P
   Power Side Lighting LED with Reflector
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
   Side View LEd Of Reflector Type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SWFB07 SEOUL-SWFB07 Datasheet
1Mb / 17P
   Side View LED of Reflector type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
Rohm
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
logo
Seoul Semiconductor
SWDB05V SEOUL-SWDB05V Datasheet
1Mb / 19P
   Side View LED of Reflector type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com