Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223B081AR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9223B081AR
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223B081AR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9223B081AR Datasheet HTML 1Page - Torex Semiconductor XC9223B081AR Datasheet HTML 2Page - Torex Semiconductor XC9223B081AR Datasheet HTML 3Page - Torex Semiconductor XC9223B081AR Datasheet HTML 4Page - Torex Semiconductor XC9223B081AR Datasheet HTML 5Page - Torex Semiconductor XC9223B081AR Datasheet HTML 6Page - Torex Semiconductor XC9223B081AR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
1
DC000019
XC9223/9224 Series
1A Driver Transistor Built-In Step-Down DC/DC Converters
Preliminary
October 7, 2004 V2
Green Operation Compatible
APPLICATIONS
Step-Down DC/DC Converters
HDD
Built-in P-channel MOSFET
: 0.23
Notebook computers
Built-in Synchronous N-channel MOSFET
: 0.25
CD-R / RW, DVD
(No Schottky Barrier Diode Required)
PDAs, Portable communication modems
High Efficiency
: 94% (VIN=5.0V, VOUT=3.3V)
Digital cameras, Video recorders
Oscillation Frequency:
: 1.0MHz, 2.0MHz
(Small Inductor for High Frequency Selectable)
Various general-purpose power supplies
Synchronized with an External Clock Signal
Ceramic Capacitor Compatible
MSOP-10 / USP-10 Packages
GENERAL DESCRIPTION
FEATURES
Input Voltage Range
: 2.2V ~ 6.0V
Output Voltage Range
: 0.8V ~ VIN
Can be set freely with 0.8V (+2%) of
reference voltage by the external resistors.
Oscillation Frequency
: 1MHz, 2MHz ( ± 15% accuracy)
Output Current
: 1.0A
Maximum Current Limit
: 0.5A (MIN.) when LIM pin=’L’
: 1.5A (MIN.) when LIM pin=’H’
Controls
: PWM/PFM externally switching
: Synchronized with an external clock signal
Protection Circuits
: Thermal shutdown
: Integral latch method (over current limit)
Soft-Start Time
: Short-circuit protection
: 3mS (TYP.) internally set
Voltage Detector
: 0.712V detect, N-ch open drain output
The XC9223/9224 series are synchronous step-down DC/DC converters
with a 0.23
Ω (TYP.) P-channel driver transistor and a synchronous
0.25
Ω (TYP.) N-channel switching transistor built-in. A highly efficient
and stable current can be supplied up to 1.0A by reducing ON resistance
of the built-in transistor.
With a high switching frequency of 1.0MHz or 2.0MHz, a small inductor is
selectable; therefore, the XC9223/9224 series are ideally suited to
applications with height limitation such as HDD or space-saving
applications.
Current limit value can be chosen either 1.5A (MIN.) when the LIM pin is
high level, or 0.5A (MIN.) when the LIM pin is low level for using the power
supply which current limit value differs such as USB or AC adapter. With
the MODE/SYNC pin, the XC9223/9224 series provide mode selection of
the fixed PWM control or automatically switching current limit PFM/PWM
control. As for preventing unwanted switching noise, the XC9223/9224
series can be synchronized with an external clock signal within the range
of ± 25% toward an internal clock signal via the MODE/SYNC pin. For
protection against heat damage of the ICs, the XC9223/9224 series build
in three protection functions: integral latch protection, thermal shutdown,
and short-circuit protection.
With the built-in U.V.L.O. (Under Voltage Lock Out) function, the internal
P-channel driver transistor is forced OFF when input voltage becomes
1.8V or lower.
The series’ detector function monitors the discretional voltage by external
resistors.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFOMANCE CHARACTERICSTICS
Efficiency vs. Output Current
VIN=5.0V, FOSC=2.0MHz
L=2.0
µH(CDRH4D28C), CIN=10µF(ceramic), CL=10µF(ceramic)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VOUT=3.3V
VOUT=1.5V
Output Current:
IOUT (mA)
VIN
PGND
AGND
LX
FB
MODE/
SYNC
CE
VDIN
VDOUT
LIM
L
RFB1
RFB2
CL
1
3
5
2
4
10
8
6
9
7
CIN
CFB
CE
MODE/SYNC
LIM
VDOUT
VDIN
VIN
(ceramic)
VOUT


Similar Part No. - XC9223B081AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DR TOREX-XC9223B01DR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01SL TOREX-XC9223B01SL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223B081AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com