Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V43648S04VCTG-10PC Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V43648S04VCTG-10PC
Description  3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43648S04VCTG-10PC Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V43648S04VCTG-10PC Datasheet HTML 1Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V43648S04VCTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V43648S04V(C)TG-10PC Rev. 1.1 June 2000
MOSEL VITELIC
V43648S04V(C)TG-10PC
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
written into the E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table:
Byte
Number
Function Described
SPD Entry Value
Hex Value
100 MHz
-10PC
0
Number of SPD bytes
128
80
1
Total bytes in Serial PD
256
08
2
Memory Type
SDRAM
04
3
Number of Row Addresses (without BS bits)
12
0C
4
Number of Column Addresses (for x8 SDRAM)
9
09
5
Number of DIMM Banks
1
01
6
Module Data Width
64
40
7
Module Data Width (continued)
0
00
8
Module Interface Levels
LVTTL
01
9
SDRAM Cycle Time at CL=3
10.0 ns
A0
10
SDRAM Access Time from Clock at CL=3
6.0 ns
60
11
Dimm Config (Error Det/Corr.)
none
00
12
Refresh Rate/Type
Self-Refresh, 15.6
µs
80
13
SDRAM width, Primary
x8
08
14
Error Checking SDRAM Data Width
n/a / x8
00
15
Minimum Clock Delay from Back to Back
Random Column Address
tccd = 1 CLK
01
16
Burst Length Supported
1, 2, 4, 8 & full Page
8F
17
Number of SDRAM Banks
4
04
18
Supported CAS Latencies
CL = 2 & 3
06
19
CS Latencies
CS Latency = 0
01
20
WE Latencies
WL = 0
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
22
SDRAM Device Attributes: General
Vcc tol
± 10%
0E
23
Minimum Clock Cycle Time at CAS Latency = 2
15.0 ns
F0
24
Maximum Data Access Time from Clock for CL = 2
9.0 ns
90
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
26
Maximum Data Access Time from Clock at CL = 1
Not Supported
00
27
Minimum Row Precharge Time tRP
20 ns
14
28
Minimum Row Active to Row Active Delay tRRD
20 ns
14
29
Minimum RAS to CAS Delay tRCD
20 ns
14


Similar Part No. - V43648S04VCTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results

Similar Description - V43648S04VCTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436532S04VATG-10PC MOSEL-V436532S04VATG-10PC Datasheet
198Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com