Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M74HC10 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. M74HC10
Description  TRIPLE 3-INPUT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC10 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC10 Datasheet HTML 1Page - STMicroelectronics M74HC10 Datasheet HTML 2Page - STMicroelectronics M74HC10 Datasheet HTML 3Page - STMicroelectronics M74HC10 Datasheet HTML 4Page - STMicroelectronics M74HC10 Datasheet HTML 5Page - STMicroelectronics M74HC10 Datasheet HTML 6Page - STMicroelectronics M74HC10 Datasheet HTML 7Page - STMicroelectronics M74HC10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M74HC10
5/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT103.3V Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
TC74VHC10FTRIPLE 3-INPUT NAND GATE 1 2 3 4 5 Toshiba Semiconductor
74LCX10Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74HC10ETRIPLE 3-INPUT NAND GATE 1 2 3 4 Integral Corp.
54ACTQ10Quiet Series Triple 3-Input NAND Gate 1 2 3 4 5 National Semiconductor (TI)
SN54LS10TRIPLE 3-INPUT NAND GATE 1 2 3 4 Motorola, Inc
54F10DMTriple 3-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74F10Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
HEF4023BTriple 3-input NAND gate 1 2 3 NXP Semiconductors
IN74HC10ATriple 3-Input NAND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn