Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1C1-4VXC Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # T1C1-4VXC
Description  5 mm Round White LED (T-13/4)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

T1C1-4VXC Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  T1C1-4VXC Datasheet HTML 1Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 2Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 3Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 4Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 5Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 6Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 7Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 8Page - Everlight Electronics Co., Ltd T1C1-4VXC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Data Sheet
5 mm Round White LED (T-13/4)
334-15/T1C1-4VXC
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev:
1
Page: 6 of 9
Device Number: DLE-033-A98
Established date:1-9-2006
Established by: Amy Ma
020
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta(
OC)
0
1020
304050
0.260
0.270
0.280
0.290
0.300
0.310
0.320
0.330
Forward Current(mA)
x
y
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Relative Intensity vs. Angle Displacement
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
Forward Voltage(V)
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Current(mA)
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5
Radiation Angle


Similar Part No. - T1C1-4VXC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T1C1-1VXA EVERLIGHT-T1C1-1VXA Datasheet
232Kb / 10P
   Popular T-1 3/4 colorless 5mm LED lamps
More results

Similar Description - T1C1-4VXC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T8C1-4VYE EVERLIGHT-T8C1-4VYE Datasheet
94Kb / 9P
   5 mm Round White LED (T-13/4)
T2C2-1SUB EVERLIGHT-T2C2-1SUB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C3-1QSB EVERLIGHT-T2C3-1QSB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C3-1RTB EVERLIGHT-T2C3-1RTB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C1-1SUB EVERLIGHT-T2C1-1SUB Datasheet
111Kb / 9P
   5 mm Round White LED (T-13/4)
T2C2-1TVB EVERLIGHT-T2C2-1TVB Datasheet
109Kb / 9P
   5 mm Round White LED (T-13/4)
X2C1-1UWB EVERLIGHT-X2C1-1UWB Datasheet
110Kb / 9P
   5 mm Round Warm White LED (T-13/4)
logo
Kingbright Corporation
L-7113NT KINGBRIGHT-L-7113NT Datasheet
89Kb / 3P
   T-13 (5 mm) ROUND LED LAM
logo
Everlight Electronics C...
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
   5 mm Round White LED (T-1 3/4)
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com