Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M74HC05 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. M74HC05
Description  HEX INVERTER OPEN DRAIN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC05 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC05 Datasheet HTML 1Page - STMicroelectronics M74HC05 Datasheet HTML 2Page - STMicroelectronics M74HC05 Datasheet HTML 3Page - STMicroelectronics M74HC05 Datasheet HTML 4Page - STMicroelectronics M74HC05 Datasheet HTML 5Page - STMicroelectronics M74HC05 Datasheet HTML 6Page - STMicroelectronics M74HC05 Datasheet HTML 7Page - STMicroelectronics M74HC05 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M74HC05
5/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
HCS05MS Radiation Hardened Hex Inverter with Open Drain 1  2  3  4  5  More Intersil Corporation
MC74LCX05 LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN 1  2  3  4  Motorola, Inc
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
MC74LCX06 Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
MM74HC05 Hex Inverter Open Drain 1  2  3  4  National Semiconductor (TI)
54AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  5  More National Semiconductor (TI)
74LVX05 LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
SN74LV06A HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn