Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E70174 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E70174
Description  Electronic Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E70174 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E70174 Datasheet HTML 1Page - List of Unclassifed Manufacturers E70174 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Copyright Bramco Electronics
Specifications subject to change without notice March 2008
BRAMCO
ELECTRONICS
ABN 49 327 604 798
PO Box 15
LAMBTON NSW 2299
www.bramco.com.au
Application
The Bramco Electronic Speed Switch, ESS MkII,
has been designed to detect slip on a conveyor
drive head without the use of override timers.
The Bramco ESS MkII Offers
■ Single or twin pulse head operation
■ Brake and high speed
■ Up to speed relay output
■ Remote indication facilities (plug in)
■ Plug in module
■ Unit test facilities for single head mode
■ Digital electronics to provide an accurate,
reliable relay
■ Simple to set up and maintain
■ Faulty pulse head indication for each generator
■ Facility to check/set up each pulse generator
circuit output
■ Continuous display of slip readings for both over
and under speed operation
■ Remote indication panel available in PVC
enclosure (optional)
■ Run enable input closes CR relay if no latch fault
■ Brake relay switching function
■ Low speed relay and high speed relay for
various functions including sequencing
■ Latching relay provides electrical local or remote
reset
■ Remote resetting is easily provided for
Specifications
Supply
■ 110v 50/60Hz (standard)
■ 110/240vAC
Material/Housing
■ Powder coated steel
Voltage tolerance
■ -30% to +20%
Output contacts
■ 5A @ 240vAC lowspeed, highspeed, CR
Electronic Speed Switch
Model ESS MkII
Ordering Information
A00596
ESS MkII Module and Base
A00206
ESS MkII Remote Screen
A00237
ESH Electronic Sensing Head
E70174
I.S Dual Channel Barrier
Approvals/Conformance's
N.S.W Mines MDA Exib 11299
Bramco Contacts
Head Office
Bramco Electronics Pty Ltd
ABN 49 327 604 798
45-47 Orlando Road
PO Box 15
LAMBTON NSW 2299
AUSTRALIA
Telephone 61 2 4952 5366
Facsimile 61 2 4952 4600
Email sales@bramco.com.au
www.bramco.com.au
Distributor Locations Australia:
■ Newcastle NSW
■ Wollongong NSW
■ Cairns QLD
■ Brisbane QLD
■ Perth WA
■ Emerald QLD
South Africa:
■ Heidelberg - Emis Sales
■ Delmas - Bramco South Africa
USA:
■ Bland, VA
ELECTRONICS


Similar Part No. - E70174

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E70 GILWAY-E70 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Powerbox
E70 POWERBOX-E70 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E70*7 XPPOWER-E70*7 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Gilway Technical Lamp
E70-12V GILWAY-E70-12V Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Gamewell-FCI by Honeywe...
E70-241575W-FR GAMEWELL-FCI-E70-241575W-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
More results

Similar Description - E70174

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
LA7016 SANYO-LA7016 Datasheet
77Kb / 3P
   VCR Electronic Switch
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
   Electronic Line Switch
logo
Copal Electronics
PS91 COPAL-PS91 Datasheet
1Mb / 3P
   Electronic pressure switch
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
   ELECTRONIC PRESSURE SWITCH
logo
List of Unclassifed Man...
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
   Electronic Pressure Switch
logo
Sanyo Semicon Device
LA7221 SANYO-LA7221 Datasheet
54Kb / 2P
   VCR Electronic Switch
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682_06 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
logo
Advanced Analog Technol...
AAT4682 AAT-AAT4682 Datasheet
225Kb / 10P
   Dual Electronic Resettable Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com