Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD4506 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SD4506
Description  Discrete Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD4506 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SD4506 Datasheet HTML 1Page - Sirectifier Semiconductors SD4506 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD45
SD4501
SD4502
SD4503
SD4504
SD4505
SD4506
SD4507
VRSM
V
50
100
200
400
600
800
1000
VRRM
V
50
100
200
400
600
800
1000
Discrete Diodes
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=45
oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
475
520
380
420
A
IFSM
TVJ=45
oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
1120
1120
720
720
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Weight
6
Md
Mounting torque
0.8...1.2
Nm
g
IF(AV)M
TC=105
oC; 180o sine
45
A
Symbol
Test Conditions
Characteristic Values
Unit
rT
TVJ=TVJM
8
RthJC
DC current
0.55
0.2
K/W
m
IR
TVJ=TVJM; VR=VRRM
< 3
mA
VF
IF=45A; TVJ=25
oC
< 1.18
V
VTO
For power-loss calculations only
0.8
V
_
_
Dimensions TO-247AC
A=Anode, C=Cathode, TAB=Cathode
C
A
C
A
C(TAB)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
VISOL
50/60 Hz, RMS, t=1 minute, leads-to-tab
2500
V~
RthCH
typical


Similar Part No. - SD4506

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD450-060-0046J WINCHESTER-SD450-060-0046J Datasheet
100Kb / 1P
   MCX STRAIGHT PCB MOUNT JACK
SD450-900-0630J WINCHESTER-SD450-900-0630J Datasheet
99Kb / 1P
   MCX STRAIGHT PLUG
logo
Shanghai Leiditech Elec...
SD4501P4-3 LEIDITECH-SD4501P4-3 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
More results

Similar Description - SD4506

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
   Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com