Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDD10N04 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SDD10N04
Description  Discrete Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD10N04 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SDD10N04 Datasheet HTML 1Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SDD10
Discrete Diodes
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=45
oC;
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
100
110
90
100
A
IFSM
TVJ=45
oC;
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC;
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
50
50
41
42
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+180
180
-40...+150
oC
Weight
4
Md
Mounting torque
0.4...0.6
Nm
g
IF(AV)M
TC=100
oC; 180o sine
10
A
Symbol
Test Conditions
Characteristic Values
Unit
rT
TVJ=TVJM
40
RthJC
DC current
3.5
K/W
m
IR
TVJ=TVJM; VR=VRRM
< 0.5
mA
VF
IF=45A; TVJ=25
oC
< 1.15
V
VTO
For power-loss calculations only
0.8
V
_
_
SDD10N01
SDD10N02
SDD10N03
SDD10N04
SDD10N05
SDD10N06
SDD10N07
VRSM
V
50
100
200
400
600
800
1000
VRRM
V
50
100
200
400
600
800
1000
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
3
2
1
1
2
3


Similar Part No. - SDD10N04

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SDD10N04 THINKISEMI-SDD10N04 Datasheet
406Kb / 2P
   10 Ampere Heatsink Dual Tandem Polarity General Purpose Rectifier Diodes
More results

Similar Description - SDD10N04

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
   Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
   Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
   Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
   Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
   Discrete Diodes
SD20 SIRECTIFIER-SD20 Datasheet
217Kb / 2P
   Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
   Discrete Diodes
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
   DISCRETE POWER DIODES and THYRISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com