Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450HK5330JR05 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PHE450HK5330JR05
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450HK5330JR05 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PHE450HK5330JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450HK5330JR05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
238
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
400 VDC / 250 VAC
(1 section)
LEAD SPACING 7.5 MM
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450KK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450KK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450KK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450KK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450KK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE450KK5100JR05
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE450KK5120JR05
0.015
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE450KK5150JR05
0.018
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE450KK5180JR05
0.022
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE450KK5220JR05
0.027
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE450KK5270JR05
0.033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE450KK5330JR05
0.039
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1200
160
PHE450KK5390JR05
0.047
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1200
160
PHE450KK5470JR05
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4100JR05
0.0012
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4120JR05
0.0015
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4180JR05
0.0022
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4390JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4470JR05
0.0056
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4560JR05
0.0068
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450KA4680JR05
0.0082
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450KA4820JR05
0.010
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450KA5100JR05
0.012
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450KA5120JR05
0.015
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450KA5150JR05
0.018
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450KA5180JR05
0.022
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450KA5220JR05
0.027
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450KA5270JR05
0.033
4.5
10.5
13.0
10.0
1000
800
0.9
1100
122
PHE450KA5330JR05
0.039
5.0
11.0
13.0
10.0
800
700
1.0
1100
116
PHE450KA5390JR05
0.047
6.0
12.0
13.0
10.0
600
500
1.3
1100
105
PHE450KA5470JR05
0.056
6.0
12.0
13.0
10.0
600
500
1.3
1100
105
PHE450KA5560JR05
LEAD SPACING 15 MM
0.033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
100
PHE450KB5330JR06
0.039
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450KB5390JR06
0.047
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450KB5470JR06
0.056
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450KB5560JR06
0.068
5.5
10.5
18.0
15.0
1000
600
1.5
1000
100
PHE450KB5680JR06
0.082
5.5
12.5
18.0
15.0
1000
600
1.7
1000
99
PHE450KB5820JR06
0.10
6.5
12.5
18.0
15.0
1000
500
2.0
1000
85
PHE450KB6100JR06
0.12
7.5
14.5
18.0
15.0
800
400
2.7
1000
75
PHE450KB6120JR06
0.15
7.5
14.5
18.0
15.0
800
400
2.7
1000
75
PHE450KB6150JR06
0.18
8.0
15.0
18.0
15.0
600
400
3.0
1000
71
PHE450KB6180JR06
0.22
9.5
17.5
18.0
15.0
500
350
4.2
1000
60
PHE450KB6220JR06
0.27
9.5
17.5
18.0
15.0
500
350
4.2
1000
59
PHE450KB6270JR06
PHE450


Similar Part No. - PHE450HK5330JR05

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450HK5180FB04R06 KEMET-PHE450HK5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180GB04R06 KEMET-PHE450HK5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180HB04R06 KEMET-PHE450HK5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180JB04R06 KEMET-PHE450HK5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HK5180KB04R06 KEMET-PHE450HK5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450HK5330JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com