Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2EQX5864 Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PI2EQX5864
Description  5.0Gbps 4-Lane PCI Express GenII Re-Driver with Equalization, Emphasis, &I2C Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX5864 Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PI2EQX5864 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 18Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
PS8934A
01/21/08
PI2EQX5864
5.0Gbps 4-Lane PCI Express GenII Re-Driver
with Equalization, Emphasis and I2C Control
Eye Diagrams 5.0Gbps (input left, output right)
Data Waveforms, 2.5Gbps (left) & 5.0Gbps (right)
AB
C
FR4
Signal
Source
SmA
Connector
SmA
Connector
≤30IN
In
Out
D.U.T.
AC Test Circuit Referenced in the Electrical Characteristic Table
07-0277


Similar Part No. - PI2EQX5864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX5804C PERICOM-PI2EQX5804C Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
More results

Similar Description - PI2EQX5864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI2EQX5904NJE PERICOM-PI2EQX5904NJE Datasheet
153Kb / 1P
   5.0Gbps, 4-Lane PCIe짰 2.0 ReDriverTM with Equalization and Emphasis
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com