Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL840 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SBL840
Description  Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SBL840 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SBL840 Datasheet HTML 1Page - Sirectifier Semiconductors SBL840 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL830 thru SBL845
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AC molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70
14.73
14.23
16.51
9.66
10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500
0.580
0.560
0.650
0.380
0.420
0.139
0.161
2.300
0.420
0.100
0.135
0.045
0.070
-
0.250
0.025
0.035
0.190
0.210
0.140
0.190
0.015
0.022
0.080
0.115
0.025
0.055
Dimensions TO-220AC
C
A
SBL830
SBL835
SBL840
SBL845
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
A=Anode, C=Cathode, TAB=Cathode
Low VF Schottky Barrier Rectifiers
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=95 C
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 8.0A DC (Note 1)
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance (Note 2)
TSTG
Storage Temperature Range
Maximum Ratings
8
200
0.55
0.5
50
450
-55 to +150
A
A
V
Unit
mA
pF
o
o
o
C
o
NOTES: 1. 300us Pulse Width, 2% Duty Cycle.
2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
3. Thermal Resistance Junction To Case.
Typical Thermal Resistance (Note 3)
3.0
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +125
C
o
C(TAB)
C
A


Similar Part No. - SBL840

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL840 DIODES-SBL840 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Micro Commercial Compon...
SBL840 MCC-SBL840 Datasheet
381Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
SBL840 BILIN-SBL840 Datasheet
179Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL840

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com