Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M41T93 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. M41T93
Description  Serial SPI bus RTC with battery switchover
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T93_07 Datasheet HTML 1Page - STMicroelectronics M41T93_07 Datasheet HTML 2Page - STMicroelectronics M41T93_07 Datasheet HTML 3Page - STMicroelectronics M41T93_07 Datasheet HTML 4Page - STMicroelectronics M41T93_07 Datasheet HTML 5Page - STMicroelectronics M41T93_07 Datasheet HTML 6Page - STMicroelectronics M41T93_07 Datasheet HTML 7Page - STMicroelectronics M41T93_07 Datasheet HTML 8Page - STMicroelectronics M41T93_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
October 2007
Rev 3
1/51
51
M41T93
Serial SPI bus RTC with battery switchover
Features
Ultra-low battery supply current of 365nA
Factory calibrated accuracy
±5PPM
guaranteed after 2 reflows (SOX18)
– Much better accuracies achievable using
built-in programmable analog and digital
calibration circuits
2.0V to 5.5V clock operating voltage
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
Automatic switch-over and reset output
circuitry (fixed reference)
–M41T93S: VCC = 3.0V to 5.5V
(2.85V
≤ VRST ≤ 3.00V)
–M41T93R: VCC = 2.7V to 5.5V
(2.55V
≤ VRST ≤ 2.70V)
–M41T93Z: VCC = 2.38V to 5.50V
(2.25V
≤ VRST ≤ 2.38V)
Compatible with SPI bus serial interface
(positive clock SPI modes)
Programmable alarm with interrupt function
(valid even during battery back-up mode)
Optional 2nd programmable alarm available
Square wave output (defaults to 32kHz on
power-up)
RESET (RST) output
Watchdog timer
Programmable 8-bit counter/timer
7 bytes of battery-backed user SRAM
Battery low flag
Power-down time stamp (HT bit)
Low operating current of 80µA
Oscillator stop detection
Battery or Super-cap™ back-up
Operating temperature of –40°C to +85°C
Package options include:
– a 16-lead QFN or an 18-lead embedded
crystal SOIC
RoHS compliance: lead-free components are
compliant with the RoHS directive
SOX18 (MY, 18-pin, 300mil SOIC
QFN16, 4mm x 4mm (QA)
1
18
with embedded crystal)
www.st.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn