Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M41T93 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. M41T93
Description  Serial SPI bus RTC with battery switchover
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 2Page - STMicroelectronics M41T93_07 Datasheet HTML 3Page - STMicroelectronics M41T93_07 Datasheet HTML 4Page - STMicroelectronics M41T93_07 Datasheet HTML 5Page - STMicroelectronics M41T93_07 Datasheet HTML 6Page - STMicroelectronics M41T93_07 Datasheet HTML 7Page - STMicroelectronics M41T93_07 Datasheet HTML 8Page - STMicroelectronics M41T93_07 Datasheet HTML 9Page - STMicroelectronics M41T93_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Description
M41T93
6/51
1
Description
The M41T93 is a low power Serial SPI Bus Real Time Clock with a built-in 32.768kHz
oscillator (external crystal-controlled for the QFN16 package, and embedded crystal for the
SOX18 package). Eight bytes of the Register Map (see Table 3 on page 18) are used for the
clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 17 bytes of the Register Map provide status/control of the two Alarms, Watchdog,
8-Bit Counter, and Square Wave functions. An additional seven bytes are made available as
user SRAM.
Addresses and data are transferred serially via a serial SPI bus-compatible interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T93 has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button battery
when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, Alarm
interrupt, Watchdog Timer, programmable 8-bit Counter, and Square Wave outputs. The
eight clock address locations contain the century, year, month, date, day, hour, minute,
second, and tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29
(leap year), 30, and 31 day months are made automatically. The M41T93 is supplied in
either a QFN16 or an SOX18 (MY), 300mil SOIC which includes an embedded 32kHz
crystal. The SOX18 package requires only a user-supplied battery to provide non-volatile
operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn