Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1176D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1176D
Description  PROFIBUS RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1176D Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1176D Datasheet HTML 1Page - Texas Instruments SN65HVD1176D Datasheet HTML 2Page - Texas Instruments SN65HVD1176D Datasheet HTML 3Page - Texas Instruments SN65HVD1176D Datasheet HTML 4Page - Texas Instruments SN65HVD1176D Datasheet HTML 5Page - Texas Instruments SN65HVD1176D Datasheet HTML 6Page - Texas Instruments SN65HVD1176D Datasheet HTML 7Page - Texas Instruments SN65HVD1176D Datasheet HTML 8Page - Texas Instruments SN65HVD1176D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65HVD1176
SN75HVD1176
SLLS563D – JULY 2003 – REVISED DECEMBER 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DRIVER
VO
Open-circuit output voltage
A or B,
No load
0
VCC
V
RL = 54
See Figure 1
2.1
2.9
V
Steady-state differential output voltage
With common-mode loading,
|VOD(SS)|
magnitude
(VTEST from -7 V to 12 V)
2.1
2.7
V
See Figure 2
Change in steady-state differential output
Δ|VOD(SS)|
See Figure 1 and Figure 6
–0.2
0
0.2
V
voltage between logic states
VOC(SS)
Steady-state common-mode output voltage
2
2.5
3
V
Change in steady-state common-mode output
ΔVOC(SS)
See Figure 5
–0.2
0
0.2
V
voltage
VOC(PP)
Peak-to-peak common-mode output voltage
0.5
V
Differential output voltage over and under
VOD(RING)
RL = 54 Ω, CL = 50 pF, See Figure 6
10%
VOD(PP)
shoot
II
Input current
D, DE
-50
50
µA
IO(OFF)
Output current with power off
VCC ≤ 2.5 V
See receiver line input
IOZ
High impedance state output current
DE at 0 V
IOS(P)
Peak short-circuit output current
VOS = –7 V to 12 V
-250
250
mA
VOS > 4 V,
DE at VCC, See
60
90
135
mA
Output driving low
Figure 8
IOS(SS)
Steady-state short-circuit output current
VOS < 1 V,
-135
-90
-60
mA
Output driving high
COD
Differential output capacitance
See receiver CID
pF
RECEIVER
Positive-going differential input voltage
VIT(+)
SeeFigure 9
VO = 2.4 V, IO = –8 mA
–80
–20
mV
threshold
Negative-going differential input voltage
VIT(–)
VO = 0.4 V, IO = 8 mA
-200
-120
mV
threshold
VHYS
Hysteresis voltage (VIT+ – VIT-)
40
mV
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA, See Figure 9
4
4.6
V
VOL
Low-level output voltage
VID = –200 mV, IOL = 8 mA, See Figure 9
0.2
0.4
V
IA, IB
VCC = 4.75 V to 5.25 V
VI = - 7 V to 12 V,
Bus pin input current
–160
200
µA
IA(OFF)
Other input = 0 V
VCC = 0 V
IB(OFF)
II
Receiver enable input current
RE
–50
50
µA
IOZ
High-impedance - state output current
RE = VCC
–1
1
µA
RI
Input resistance
60
k
Test input signal is a 1.5 MHz sine wave with
CID
Differential input capacitance
amplitude 1 Vpp, capacitance measured across A
7
10
pF
and B
CMR
Common mode rejection
See Figure 11
4
V
(1)
All typical values are at VCC = 5 V and 25°C.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD1176 SN75HVD1176


Similar Part No. - SN65HVD1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176D TI-SN65HVD1176D Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176D TI1-SN65HVD1176D Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN65HVD1176DG4 TI1-SN65HVD1176DG4 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
SN65HVD1176DR TI-SN65HVD1176DR Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176DR TI1-SN65HVD1176DR Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results

Similar Description - SN65HVD1176D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com