Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AR024D Datasheet(PDF) 6 Page - STMicroelectronics

Part # M68AR024D
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M68AR024D Datasheet HTML 2Page - STMicroelectronics M68AR024D Datasheet HTML 3Page - STMicroelectronics M68AR024D Datasheet HTML 4Page - STMicroelectronics M68AR024D Datasheet HTML 5Page - STMicroelectronics M68AR024D Datasheet HTML 6Page - STMicroelectronics M68AR024D Datasheet HTML 7Page - STMicroelectronics M68AR024D Datasheet HTML 8Page - STMicroelectronics M68AR024D Datasheet HTML 9Page - STMicroelectronics M68AR024D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M68AR024D
6/19
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Figure 5. AC Measurement I/O Waveform
Figure 6. AC Measurement Load Circuit
Parameter
M68AR024D
VCC Supply Voltage
1.65 to 1.95V
VCCQ I/O Supply Voltage (VCCQ ≤ VCC)
1.5 to 1.95V
Ambient Operating Temperature
Range 1
0 to 70°C
Range 6
–40 to 85°C
Load Capacitance (CL)
30pF
Output Circuit Protection Resistance (R1)
15.3k
Load Resistance (R2)
11.3k
Input Rise and Fall Times
≤ 1ns/V
Input Pulse Voltages
0 to VCCQ
Input and Output Timing Ref. Voltages
VCCQ/2
Output Transition Timing Ref. Voltages
VRL = 0.3VCCQ; VRH = 0.7VCCQ
AI05987
VCCQ
I/O Timing Reference Voltage
0V
VCCQ/2
VCCQ
I/O Transition Timing Reference Voltage
0V
0.7VCCQ
0.3VCCQ
AI05988
VCCQ
OUT
CL includes JIG capacitance
DEVICE
UNDER
TEST
CL
R1
R2


Similar Part No. - M68AR024D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR128ML55ZB1T STMICROELECTRONICS-M68AR128ML55ZB1T Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR128ML55ZB6T STMICROELECTRONICS-M68AR128ML55ZB6T Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR128ML70ZB1T STMICROELECTRONICS-M68AR128ML70ZB1T Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR128ML70ZB6T STMICROELECTRONICS-M68AR128ML70ZB6T Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
More results

Similar Description - M68AR024D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
   32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
May 2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com