Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT162245A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT162245A
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT162245A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVT162245A Datasheet HTML 1Page - Texas Instruments SN74LVT162245A Datasheet HTML 2Page - Texas Instruments SN74LVT162245A Datasheet HTML 3Page - Texas Instruments SN74LVT162245A Datasheet HTML 4Page - Texas Instruments SN74LVT162245A Datasheet HTML 5Page - Texas Instruments SN74LVT162245A Datasheet HTML 6Page - Texas Instruments SN74LVT162245A Datasheet HTML 7Page - Texas Instruments SN74LVT162245A Datasheet HTML 8Page - Texas Instruments SN74LVT162245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN54LVT162245A
,, SN74LVT162245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS714D – FEBRUARY 2000 – REVISED NOVEMBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
7
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
7
V
VO
Voltage range applied to any output in the high state(2)
–0.5
VCC + 0.5
V
SN54LVT162245A (B port)
96
IO
Current into any output in the low state
SN74LVT162245A (B port)
128
mA
A port
30
SN54LVT162245A (B port)
48
IO
Current into any output in the high state(3)
SN74LVT162245A (B port)
64
mA
A port
30
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
DGG package
70
DL package
63
θ
JA
Package thermal impedance(4)
°C/W
GQL/ZQL package
42
GRD/ZRD package
36
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This current flows only when the output is in the high state and VO > VCC.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
SN54LVT162245A(2)
SN74LVT162245A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2.7
3.6
2.7
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
5.5
5.5
V
A port
–12
–12
IOH
High-level output current
mA
B port
–24
–32
A port
12
12
IOL
Low-level output current
mA
B port
48
64
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆V
CC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused or driven (floating) data inputs (I/Os) of the device must be held at logic HIGH or LOW (preferably VCCI or GND) to ensure
proper device operation and minimize power. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature
number SCBA004.
(2)
Product preview
4
Submit Documentation Feedback


Similar Part No. - SN74LVT162245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVT162245A TI-SN74LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT162245A TI-SN74LVT162245A Datasheet
581Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT162245ADGGR TI-SN74LVT162245ADGGR Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVT162245ADGGR TI-SN74LVT162245ADGGR Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT162245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com