Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV4052A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54LV4052A
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4052A Datasheet(HTML) 4 Page - Texas Instruments

  SN54LV4052A Datasheet HTML 1Page - Texas Instruments SN54LV4052A Datasheet HTML 2Page - Texas Instruments SN54LV4052A Datasheet HTML 3Page - Texas Instruments SN54LV4052A Datasheet HTML 4Page - Texas Instruments SN54LV4052A Datasheet HTML 5Page - Texas Instruments SN54LV4052A Datasheet HTML 6Page - Texas Instruments SN54LV4052A Datasheet HTML 7Page - Texas Instruments SN54LV4052A Datasheet HTML 8Page - Texas Instruments SN54LV4052A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54LV4052A
SN74LV4052A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
On-state
IT = 2 mA,
V = V
or GND,
2.3 V
43
180
225
225
ron
On-state
switch resistance
IT = 2 mA,
VI = VCC or GND,
VINH = VIL
3 V
34
150
190
190
ron
switch resistance
VINH = VIL
(see Figure 1)
4.5 V
25
75
100
100
Peak
IT = 2 mA,
2.3 V
133
500
600
600
ron(p)
Peak
on-state resistance
IT = 2 mA,
VI = VCC to GND,
V
= V
3 V
63
180
225
225
ron(p)
on-state resistance
VI = VCC to GND,
VINH = VIL
4.5 V
35
100
125
125
Difference in
IT = 2 mA,
2.3 V
1.5
30
40
40
∆ron
Difference in
on-state resistance
between switches
IT = 2 mA,
VI = VCC to GND,
V
= V
3 V
1.1
20
30
30
∆ron
on-state resistance
between switches
VI = VCC to GND,
VINH = VIL
4.5 V
0.7
15
20
20
II
Control input current
VI = 5.5 V or GND
0 to
5.5 V
±0.1
±1
±1
µA
IS(off)
Off-state switch
leakage current
VI = VCC and VO = GND, or
VI = GND and VO = VCC,
VINH = VIH
(see Figure 2)
5.5 V
±0.1
±1
±1
µA
IS(on)
On-state switch
leakage current
VI = VCC or GND,
VINH = VIL
(see Figure 3)
5.5 V
±0.1
±1
±1
µA
ICC
Supply current
VI = VCC or GND
5.5 V
20
20
µA
CIC
Control input
capacitance
f = 10 MHz
3.3 V
2.1
pF
CIS
Common terminal
capacitance
3.3 V
13.1
pF
COS
Switch terminal
capacitance
3.3 V
5.6
pF
CF
Feedthrough
capacitance
3.3 V
0.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV4052A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052AJ TI-SN54LV4052AJ Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN54LV4052A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com