Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3812MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3812MPBF
Description  HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3812MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3812MPBF_08 Datasheet HTML 1Page - International Rectifier IR3812MPBF_08 Datasheet HTML 2Page - International Rectifier IR3812MPBF_08 Datasheet HTML 3Page - International Rectifier IR3812MPBF_08 Datasheet HTML 4Page - International Rectifier IR3812MPBF_08 Datasheet HTML 5Page - International Rectifier IR3812MPBF_08 Datasheet HTML 6Page - International Rectifier IR3812MPBF_08 Datasheet HTML 7Page - International Rectifier IR3812MPBF_08 Datasheet HTML 8Page - International Rectifier IR3812MPBF_08 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
01/08/08
1
PD-60335
IR3812MPbF
HIGHLY INTEGRATED 4A
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Features
Wide Input Voltage Range 2.5V to 21V
Wide Output Voltage Range 0.6V to 12V
Continuous 4A Load Capability
600kHz High Frequency Operation
Programmable Over-Current-Protection
Hiccup Current Limit
Tracking capability for Memory Application
Precision Reference Voltage (0.6V)
Programmable Soft-Start
Pre-Bias Start-up
Thermal Protection
Thermally Enhanced Package
Small Size 5mmx6mm QFN
Pb-Free (RoHS Compliant)
Fig. 1. Typical application diagram
Description
The IR3812 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The onboard switching controller and MOSFETs
make the IR3812 a space-efficient solution,
providing accurate power delivery for low output
voltage applications.
The IR3812 operates from a single 4.5V to 14V
input supply and generates an output voltage
adjustable from 0.6V to 0.80*Vin at loads up to 4A.
IR3812
can
be
configured
for
tracking
applications to generate termination voltage (VTT)
for memory applications.
A versatile regulator offering programmability of
start up time and current limit, the IR3812’s fixed
600kHz switching frequency allows the use of
small external components.
IR3812
also
features
important
protection
functions, such as Pre-Bias startup, hiccup
current limit and thermal shutdown to provide the
required system level security in the event of fault
conditions.
Applications
Distributed Point-of-Loads
Server and Workstations
Embedded Systems
Storage Systems
DDR Applications
Graphics Cards
Game Consoles
Computing Peripheral Voltage Regulators
SupIRBuckTM


Similar Part No. - IR3812MPBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3812MPBF IRF-IR3812MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3812MPBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822MPBF IRF-IR3822MPBF_08 Datasheet
674Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3812MPBF IRF-IR3812MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822MPBF IRF-IR3822MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com