Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6626 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6626
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6626 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6626 Datasheet HTML 1Page - National Semiconductor (TI) LMH6626 Datasheet HTML 2Page - National Semiconductor (TI) LMH6626 Datasheet HTML 3Page - National Semiconductor (TI) LMH6626 Datasheet HTML 4Page - National Semiconductor (TI) LMH6626 Datasheet HTML 5Page - National Semiconductor (TI) LMH6626 Datasheet HTML 6Page - National Semiconductor (TI) LMH6626 Datasheet HTML 7Page - National Semiconductor (TI) LMH6626 Datasheet HTML 8Page - National Semiconductor (TI) LMH6626 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMH6624/LMH6626
Single/Dual Ultra Low Noise Wideband Operational
Amplifier
General Description
The LMH6624/LMH6626 offer wide bandwidth (1.5GHz for
single, 1.3GHz for dual) with very low input noise (0.92nV/
, 2.3pA/
) and ultra low dc errors (100µV V
OS,
±0.1µV/˚C drift) providing very precise operational amplifiers
with wide dynamic range. This enables the user to achieve
closed-loop gains of greater than 10, in both inverting and
non-inverting configurations.
The LMH6624 (single) and LMH6626’s (dual) traditional volt-
age feedback topology provide the following benefits: bal-
anced inputs, low offset voltage and offset current, very low
offset drift, 81dB open loop gain, 95dB common mode rejec-
tion ratio, and 88dB power supply rejection ratio.
The LMH6624/LMH6626 operate from ± 2.5V to ± 6V in
dual supply mode and from +5V to +12V in single supply
configuration.
LMH6624 is offered in SOT23-5 and SOIC-8 packages.
The LMH6626 is offered in SOIC-8 and MSOP-8 packages.
Features
V
S =
±6V, T
A = 25˚C, AV = 20, (Typical values unless
specified)
n
Gain bandwidth (LMH6624)
1.5GHz
n
Input voltage noise
0.92nV/
n
Input offset voltage (limit over temp)
700uV
n
Slew rate
350V/µs
n
Slew rate (A
V = 10)
400V/µs
n
HD2 @ f = 10MHz, R
L = 100
−63dBc
n
HD3 @ f = 10MHz, R
L = 100
−80dBc
n
Supply voltage range (dual supply)
±2.5V to ±6V
n
Supply voltage range (single supply)
+5V to +12V
n
Improved replacement for the CLC425
(LMH6624)
n
Stable for closed loop |A
V|
≥ 10
Applications
n
Instrumentation sense amplifiers
n
Ultrasound pre-amps
n
Magnetic tape & disk pre-amps
n
Wide band active filters
n
Professional Audio Systems
n
Opto-electronics
n
Medical diagnostic systems
Connection Diagrams
5-Pin SOT23
8−Pin SOIC
8−Pin SOIC/MSOP
20058951
Top View
20058952
Top View
20058961
Top View
September 2005
© 2005 National Semiconductor Corporation
DS200589
www.national.com


Similar Part No. - LMH6626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6626 TI1-LMH6626 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6626MA NSC-LMH6626MA Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6626MA TI-LMH6626MA Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6626MA/NOPB TI1-LMH6626MA/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
National Semiconductor ...
LMH6626MAX NSC-LMH6626MAX Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6626

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624MF TI-LMH6624MF Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com