Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M59MR032C Datasheet(PDF) 46 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M59MR032C Datasheet HTML 41Page - STMicroelectronics M59MR032C Datasheet HTML 42Page - STMicroelectronics M59MR032C Datasheet HTML 43Page - STMicroelectronics M59MR032C Datasheet HTML 44Page - STMicroelectronics M59MR032C Datasheet HTML 45Page - STMicroelectronics M59MR032C Datasheet HTML 46Page - STMicroelectronics M59MR032C Datasheet HTML 47Page - STMicroelectronics M59MR032C Datasheet HTML 48Page - STMicroelectronics M59MR032C Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
M59MR032C, M59MR032D
46/49
Table 39. LFBGA54 - 10 x 4 ball array, 0.5 mm pitch, Package Mechanical Data
millimeters
inches
Symbol
Typ
Min
Max
Typ
Min
Max
A
1.100
1.000
1.200
0.0433
0.0394
0.0472
A1
0.150
0.100
0.250
0.0059
0.0039
0.0098
A2
0.950
0.0374
b
0.400
0.300
0.450
0.0157
0.0118
0.0177
D
7.000
6.800
7.200
0.2756
0.2677
0.2835
D1
4.500
0.1772
ddd
0.150
0.0059
e
0.500
0.0197
E
12.000
11.800
12.200
0.4724
0.4646
0.4803
E1
1.500
0.0591
E2
6.500
0.2559
E3
1.000
0.0394
E4
0.500
0.0197
FD
1.250
0.0492
FE
5.250
0.2067
SD
0.250
0.0098
SE
0.250
0.0098
Figure 19. LFBGA54 - 10 x 4 ball array, 0.5 mm pitch, Bottom View Package Outline
Drawing is not to scale.
E1
E
D
eb
SD
SE
A2
A1
A
BGA-Z06
ddd
E2
DUMMY BALLS
BALL "A1"
D1
E4
E3
FE
FD


Similar Part No. - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
M5913B1 STMICROELECTRONICS-M5913B1 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
   1.2A charging 1 A discharging Highly integrated mobile power SOC
logo
Renesas Technology Corp
M59330P RENESAS-M59330P Datasheet
219Kb / 11P
   LAN Transceiver
M59350FP RENESAS-M59350FP Datasheet
111Kb / 9P
   Watchdog Timer IC with Built-in 5 V Constant-Voltage Power Supply
More results

Similar Description - M59MR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com