Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR128ET Datasheet(PDF) 54 Page - STMicroelectronics

Part # M58WR128ET
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128ET Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M58WR128ET Datasheet HTML 50Page - STMicroelectronics M58WR128ET Datasheet HTML 51Page - STMicroelectronics M58WR128ET Datasheet HTML 52Page - STMicroelectronics M58WR128ET Datasheet HTML 53Page - STMicroelectronics M58WR128ET Datasheet HTML 54Page - STMicroelectronics M58WR128ET Datasheet HTML 55Page - STMicroelectronics M58WR128ET Datasheet HTML 56Page - STMicroelectronics M58WR128ET Datasheet HTML 57Page - STMicroelectronics M58WR128ET Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
M58WR128ET, M58WR128EB
54/87
PACKAGE MECHANICAL
Figure 19. VFBGA60 12.5x12mm - 8x7 ball array, 0.75mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
E1
E
D
A2
A1
A
BGA-Z46
ddd
e
SD
BALL "A1"
FE
FE1
FD
FD1
E2
b
D1
D2


Similar Part No. - M58WR128ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR128ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com