Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSAC90GK18 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # SSAC90GK18
Description  Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SSAC90GK18 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  SSAC90GK18 Datasheet HTML 1Page - Sirectifier Semiconductors SSAC90GK18 Datasheet HTML 2Page - Sirectifier Semiconductors SSAC90GK18 Datasheet HTML 3Page - Sirectifier Semiconductors SSAC90GK18 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SSAC90
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.3
180
oC
0.31
120
oC
0.33
60
oC
0.35
30
oC
0.37
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.008
0.0019
2
0.054
0.047
3
0.238
0.3
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.5
180
oC
0.51
120
oC
0.53
60
oC
0.55
30
oC
0.57
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.008
0.0019
2
0.054
0.047
3
0.238
0.3
4
0.2
1.25
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC90
SSAC90
SSAC90
SSAC90
SSAC90
SSAC90
SSAC90
SSAC90
SSAC90
3*SSAC90
3 x SSAC90
3 x SSAC90
3 x SSAC90
3 x SSAC90
3 x SSAC90
3 x SSAC90


Similar Part No. - SSAC90GK18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SSAC90GK18 SIRECTIFIER-SSAC90GK18 Datasheet
224Kb / 4P
   Solid State AC Switch
More results

Similar Description - SSAC90GK18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SSAC27 SIRECTIFIER-SSAC27 Datasheet
548Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC18 SIRECTIFIER-SSAC18 Datasheet
595Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC49 SIRECTIFIER-SSAC49 Datasheet
545Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC70 SIRECTIFIER-SSAC70 Datasheet
560Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC116 SIRECTIFIER-SSAC116 Datasheet
553Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC100 SIRECTIFIER-SSAC100 Datasheet
912Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
SSAC60 SIRECTIFIER-SSAC60 Datasheet
544Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
List of Unclassifed Man...
SSAC18 ETC1-SSAC18 Datasheet
591Kb / 4P
   Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
logo
Nell Semiconductor Co.,...
NK100KQ NELLSEMI-NK100KQ Datasheet
825Kb / 5P
   Anti-parallel Thyristor Module
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com