Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD165GK14 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STD165GK14
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD165GK14 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STD165GK14 Datasheet HTML 1Page - Sirectifier Semiconductors STD165GK14 Datasheet HTML 2Page - Sirectifier Semiconductors STD165GK14 Datasheet HTML 3Page - Sirectifier Semiconductors STD165GK14 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STD/SDT165
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.155
180
oC
0.167
120
oC
0.175
60
oC
0.197
30
oC
0.226
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.0072
0.001
2
0.0188
0.08
3
0.129
0.2
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.225
180
oC
0.237
120
oC
0.245
60
oC
0.262
30
oC
0.296
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.0072
0.001
2
0.0188
0.08
3
0.129
0.2
4
0.07
1.0
3 x STD/SDT165


Similar Part No. - STD165GK14

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STD165GK14 SIRECTIFIER-STD165GK14 Datasheet
368Kb / 4P
   Thyristor-Diode Modules
More results

Similar Description - STD165GK14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com